Electronic Components Datasheet Search
  English  ▼

X  

MTD6505 Datasheet(PDF) 1 Page - Microchip Technology

Part # MTD6505
Description  Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6505 Datasheet(HTML) 1 Page - Microchip Technology

  MTD6505 Datasheet HTML 1Page - Microchip Technology MTD6505 Datasheet HTML 2Page - Microchip Technology MTD6505 Datasheet HTML 3Page - Microchip Technology MTD6505 Datasheet HTML 4Page - Microchip Technology MTD6505 Datasheet HTML 5Page - Microchip Technology MTD6505 Datasheet HTML 6Page - Microchip Technology MTD6505 Datasheet HTML 7Page - Microchip Technology MTD6505 Datasheet HTML 8Page - Microchip Technology MTD6505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2011 Microchip Technology Inc.
DS22281A-page 1
Features
• 180° Sinusoidal Drive, for high efficiency and low
acoustic noise
• Position Sensorless BLDC Drivers
(No Hall-effect sensor required)
• Integrated Power Transistors
• Supports 2V to 5.5V Power Supplies
• Programming Resistor (RPROG) setting to fit motor
constant (Km) range from 3.25 mV/Hz to
52 mV/Hz
• Direction Control:
- Forward direction: connect DIR pin to GND or
leave floating
- Reverse direction: connect DIR pin to VBIAS
or 3V
• Speed Control through Power Supply Modulation
(PSM) and/or Pulse-Width Modulation (PWM)
• Built-in Frequency Generator (FG Output Signal)
• Built-in Lockup Protection and Automatic
Recovery Circuit
• Built-in Overcurrent Limitation
• Built-in Thermal Shutdown Protection
• Built-in Over Voltage Protection
• No External Tuning Required
• Available Package
10-Lead 3mm x 3mm UDFN
Applications
• Notebook CPU Cooling Fans
• 5V 3-Phase BLDC Motors
Description
The MTD6505 device is a 3-phase full-wave
sensorless driver for brushless DC (BLDC) motors. It
features 180° sinusoidal drive, high torque output and
silent drive. With the adaptive features, parameters and
wide range of power supplies (2V to 5.5V), the
MTD6505 is intended to cover a broad range of motor
characteristics, while requiring minimum external
components. Speed control can be achieved through
either power supply modulation (PSM) or pulse-width
modulation (PWM).
The compact packaging and the minimal bill-of-
material make the MTD6505 device extremely cost
efficient in fan applications. For example, the CPU
cooling fans in notebook computers require designs
that provide low acoustic noise, low mechanical
vibration, and are highly efficient. The frequency
generator (FG) output enables precision speed control
in closed-loop applications.
The MTD6505 device includes Lockup Protection
mode to turn off the output current when the motor is in
a lock condition, with an automatic recovery feature to
restart the fan when the lock condition is removed.
Motor overcurrent limitation and thermal shutdown
protection are included for safety enhanced operations.
The MTD6505 is available in a compact, thermally
enhanced, 3mm x 3mm 10-lead UDFN package.
Package Types
MTD6505
3x3 UDFN*
VBIAS
RPROG
OUT2
FG
PWM
DIR
VDD
GND
1
2
3
5
10
9
8
6
OUT1
OUT3
4
7
EP
11
*Includes Exposed Thermal Pad (EP); see Table 3-1.
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
MTD6505


Similar Part No. - MTD6505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
MTD6505T-E/NA MICROCHIP-MTD6505T-E/NA Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
More results

Similar Description - MTD6505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com