Electronic Components Datasheet Search
  English  ▼

X  

MTD6505 Datasheet(PDF) 9 Page - Microchip Technology

Part # MTD6505
Description  Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6505 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MTD6505 Datasheet HTML 5Page - Microchip Technology MTD6505 Datasheet HTML 6Page - Microchip Technology MTD6505 Datasheet HTML 7Page - Microchip Technology MTD6505 Datasheet HTML 8Page - Microchip Technology MTD6505 Datasheet HTML 9Page - Microchip Technology MTD6505 Datasheet HTML 10Page - Microchip Technology MTD6505 Datasheet HTML 11Page - Microchip Technology MTD6505 Datasheet HTML 12Page - Microchip Technology MTD6505 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2011 Microchip Technology Inc.
DS22281A-page 9
MTD6505
4.0
FUNCTIONAL DESCRIPTION
The MTD6505 generates a full-wave signal to drive a
3-phase BLDC motor. High efficiency and low-power
consumption are achieved due to CMOS transistors
and synchronous rectification drive type.
4.1
Speed Control
The rotational speed of the motor can be controlled
either through the PWM digital input signal or by acting
directly on the power supply (VDD). When the PWM
signal is High (or left open), the motor rotates at full
speed. When the PWM signal is low, the IC outputs are
set to high-impedance and the motor is stopped.
By changing the PWM duty cycle, the speed can be
adjusted. Thus, the user has maximum freedom to
choose the PWM system frequency within a wide range
(from 1kHz to 100kHz).
Since the PWM pin has an internal pull-up resistor
connected to VDD, it is recommended to drive it
between 0V and High-Z. The PWM driver must be able
to support the pull-up resistor current, in order to drive
the pin. See “PWM Internal Pull-Up Resistor” in
Section 1.0, Electrical Characteristics.
The output transistor activation always occurs at a fixed
rate of 30 kHz, which is outside of the range of audible
frequencies.
4.2
Motor Rotation Direction
The current-carrying order of the outputs depends on
the DIR pin state (“Rotation Direction”) and is described
in Table 4-1. The DIR pin is not designed for dynamic
direction change during operation.
4.3
Frequency Generator Function
The Frequency Generator output (FG) is a “Hall-effect
sensor equivalent” digital output, giving information to
an external controller about the speed and phase of the
motor. The FG pin is an open drain output, connecting
to a logical voltage level through an external pull-up
resistor. When a lock, or an out-of-sync situation is
detected by the driver, this output is set to high-
impedance until the motor is restarted. Leave the pin
open when it is not used.
4.4
Lockup Protection and Automatic
Restart
If the motor is blocked and cannot rotate freely, a lock-
up protection circuit detects it and disables the driver by
setting its outputs to high-impedance to prevent the
motor coil from burnout. After a “waiting time” (TWAIT),
the lock-up protection is released and normal operation
resumes for a given time (TRUN). If the motor is still
blocked, a new period of waiting time is started. TWAIT
and TRUN timings are fixed internally, so that no exter-
nal capacitor is required.
4.5
Overcurrent Protection
The motor peak current is limited by the driver to
750 mA (standard value), thus limiting the maximum
power dissipation in the coils.
4.6
Thermal Shutdown
The MTD6505 device has a thermal protection function
which detects when the die temperature exceeds
TJ = +170°C. When this temperature is reached, the
circuit enters the Thermal Shutdown mode, and the
outputs OUT1, OUT2 and OUT3 are disabled (high-
impedance), avoiding the IC destruction and allowing
the circuit to cool down. When the junction temperature
(TJ) drops below +145°C, normal operation resumes.
The thermal detection circuit has +25°C hysteresis.
FIGURE 4-1:
Thermal Protection
Hysteresis.
Note 1: The PWM frequency has no direct affect
on the motor speed and is asynchronous
with
the
activation
of
the
output
transistors.
Note 2: The standard output frequency is 30 kHz.
A 20 kHz output frequency option is
available upon request.
TABLE 4-1:
MOTOR ROTATION
DIRECTION OPTIONS
(DIR PIN)
DIR Pin State
Rotation
Direction
Outputs Activation
Sequence
Connected
to GND
or Floating
Forward
OUT1
 OUT2  OUT3
Connected
to VBIAS
Reverse
OUT3
 OUT2  OUT1
TJ
+145°
Thermal shutdown
+170°
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com