Electronic Components Datasheet Search
  English  ▼

X  

MTD6505 Datasheet(PDF) 7 Page - Microchip Technology

Part # MTD6505
Description  Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6505 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MTD6505 Datasheet HTML 3Page - Microchip Technology MTD6505 Datasheet HTML 4Page - Microchip Technology MTD6505 Datasheet HTML 5Page - Microchip Technology MTD6505 Datasheet HTML 6Page - Microchip Technology MTD6505 Datasheet HTML 7Page - Microchip Technology MTD6505 Datasheet HTML 8Page - Microchip Technology MTD6505 Datasheet HTML 9Page - Microchip Technology MTD6505 Datasheet HTML 10Page - Microchip Technology MTD6505 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2011 Microchip Technology Inc.
DS22281A-page 7
MTD6505
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless indicated, TA = +25°C, VDD = 5.5V to 2.0V, OUT1, 2, 3 and PWM open.
FIGURE 2-1:
Oscillator Frequency
Deviation vs. Temperature.
FIGURE 2-2:
Internal Regulated Voltage
(VBIAS) vs Temperature.
FIGURE 2-3:
Internal Regulated Voltage
(VBIAS) vs Supply Voltage (VDD).
FIGURE 2-4:
Inputs (PWM, DIR) VIL vs.
Temperature.
FIGURE 2-5:
Inputs (PWM, DIR) VIH vs.
Temperature.
FIGURE 2-6:
Outputs RON High Side
Resistance vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
V
DD = 5.5V
V
DD = 2V
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 5.5V
V
DD = 2V
304
3.06
3.08
3.1
3.12
3.14
3
3.02
3.04
3.06
3.08
3.1
3.12
3.14
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD(V)
1
1.5
2
2.5
VDD = 5.5
VDD = 5.5
V
DD = 5.5V
V
DD = 2V
0
0.5
1
1.5
2
2.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
VDD = 5.5
VDD = 5.5
V
DD = 5.5V
V
DD = 2V
1
1.5
2
2.5
3
V
DD = 5.5V
V
DD = 2V
0
0.5
1
1.5
2
2.5
3
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 5.5V
V
DD = 2V
15
2
2.5
3
3.5
4
4.5
5
5.5
6
V
DD = 2V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 5.5V
V
DD = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com