Electronic Components Datasheet Search
  English  ▼

X  

MTD6505 Datasheet(PDF) 8 Page - Microchip Technology

Part # MTD6505
Description  Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6505 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MTD6505 Datasheet HTML 4Page - Microchip Technology MTD6505 Datasheet HTML 5Page - Microchip Technology MTD6505 Datasheet HTML 6Page - Microchip Technology MTD6505 Datasheet HTML 7Page - Microchip Technology MTD6505 Datasheet HTML 8Page - Microchip Technology MTD6505 Datasheet HTML 9Page - Microchip Technology MTD6505 Datasheet HTML 10Page - Microchip Technology MTD6505 Datasheet HTML 11Page - Microchip Technology MTD6505 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MTD6505
DS22281A-page 8
 2011 Microchip Technology Inc.
Note: Unless indicated, TA = +25°C, VDD = 5.5V to 2.0V, OUT1, 2, 3 and PWM open.
FIGURE 2-7:
Outputs RON Low Side
Resistance vs. Temperature.
FIGURE 2-8:
Supply Current vs.
Temperature.
FIGURE 2-9:
Stand-By Current vs.
Temperature.
FIGURE 2-10:
PWM Pull-Up Current vs.
Temperature.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
2
2.5
3
3.5
4
4.5
5
5.5
6
V
DD = 2V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 5.5V
V
DD = 2V
2
3
4
5
6
7
V
DD = 2V
V
DD = 5.5V
0
1
2
3
4
5
6
7
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 2V
V
DD = 5.5V
20
30
40
50
60
V
DD = 5.5V
0
10
20
30
40
50
60
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 5.5V
V
DD = 2V
-30
-25
-20
-15
-10
-5
0
V
DD = 2V
-40
-35
-30
-25
-20
-15
-10
-5
0
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 2V
V
DD = 5.5V
TABLE 3-1:
MTD6505 PIN FUNCTION TABLE
Pin
Number
Type
Name
Function
1
O
FG
Motor speed indication output
2I
RPROG
Km parameter setting with external resistors, see Table 4-2 for values
3—
VBIAS
Internal regulator output (for decoupling only)
4
O
OUT1
Single phase coil output pin
5
O
OUT2
Single phase coil output pin
6
—
GND
Negative voltage supply (ground)
7
O
OUT3
Single phase coil output pin
8—
VDD
Positive voltage supply for motor driver
9
I
DIR
Motor Rotation Direction
- Forward direction: connect pin to GND or leave floating
- Reverse direction: connect pin to VBIAS
10
I
PWM
PWM input signal for speed control
11
—
EP
Exposed pad (can be connected to the ground plan for better thermal dissipation)
Legend: I = Input; O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com