Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 152 page
background image
Under normal program operation, a Watchdog Timer time-out will initialise a device reset and set the
status bit TO. However, if the system is in the SLEEP or IDLE Mode, when a Watchdog Timer
time-out occurs, the TO bit in the status register will be set and only the Program Counter and Stack
Pointer will be reset. Three methods can be adopted to clear the contents of the Watchdog Timer. The
first is an external hardware reset, which means a low level on the RES pin, the second is using the
Watchdog Timer software clear instructions and the third is via a HALT instruction.
There are two methods of using software instructions to clear the Watchdog Timer, one of which must
be chosen by configuration option. The first option is to use the single
²CLR WDT² instruction while
the second is to use the two commands
²CLR WDT1² and ²CLR WDT2². For the first option, a simple
execution of
²CLR WDT² will clear the WDT while for the second option, both ²CLR WDT1² and
²CLR WDT2² must both be executed alternately to successfully clear the Watchdog Timer. Note that
for this second option, if
²CLR WDT1² is used to clear the Watchdog Timer, successive executions of
this instruction will have no effect, only the execution of a
²CLR WDT2² instruction will clear the
Watchdog Timer. Similarly after the
²CLR WDT2² instruction has been executed, only a successive
²CLR WDT1² instruction can clear the Watchdog Timer.
The maximum time out period is when the 2
20 division ratio is selected. As an example, with a
32.768kHz LXT oscillator as its source clock, this will give a maximum watchdog period of around 32
seconds for the 2
20 division ratio, and a minimum timeout of 250ms for the 213 division ration. If the
fSYS/4 clock is used as the Watchdog Timer clock source, it should be noted that when the system enters
the SLEEP or IDLE0 Mode, then the instruction clock is stopped and the Watchdog Timer may lose its
protecting purposes. For systems that operate in noisy environments, using the fSUB clock source is
strongly recommended.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
51
September 15, 2011
8 - s t a g e D i v i d e r
f S
W D T T i m e - o u t
( 2 1 3 / f S ~ 2 2 0 / f S )
f S / 2 8
W D T P r e s c a l e r
8 - t o - 1 M U X
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
f S U B
W S 2 ~ W S 0
M
U
X
f S Y S / 4
M
U
X
L X T
L I R C
C o n f i g u r a t i o n
O p t i o n
C o n f i g u r a t i o n
O p t i o n
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com