Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Bank Pointer
- BP
The Data Memory is divided into two Banks, known as Bank 0 and Bank 1. A Bank Pointer, which is
bit 0 of the Bank Pointer register is used to select the required Data Memory bank. Only data in Bank 0
can be directly addressed as data in Bank 1 must be indirectly addressed using Memory Pointer MP1
and Indirect Addressing Register IAR1. Using Memory Pointer MP0 and Indirect Addressing Register
IAR0 will always access data from Bank 0, irrespective of the value of the Bank Pointer. Memory
Pointer MP1 and Indirect Addressing Register IAR1 can indirectly address data in either Bank 0 or
Bank 1 depending upon the value of the Bank Pointer.
The Data Memory is initialised to Bank 0 after a reset, except for the WDT time-out reset in the
Idle/Sleep Mode, in which case, the Data Memory bank remains unaffected. It should be noted that
Special Function Data Memory is not affected by the bank selection, which means that the Special
Function Registers can be accessed from within either Bank 0 or Bank 1. Directly addressing the Data
Memory will always result in Bank 0 being accessed irrespective of the value of the Bank Pointer.
BP Register
Bit
76543210
Name
¾¾¾¾¾¾¾
DMBP0
R/W
¾¾¾¾¾¾¾
R/W
POR
¾¾¾¾¾¾¾
0
Bit7~1
Unimplemented, read as
²0²
Bit 0
DMBP0: Select Data Memory Banks
0: Bank 0
1: Bank 1
Accumulator
- ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results from
the ALU are stored. Without the Accumulator it would be necessary to write the result of each
calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory resulting
in higher programming and timing overheads. Data transfer operations usually involve the temporary
storage function of the Accumulator; for example, when transferring data between one user defined
register and another, it is necessary to do this by passing the data through the Accumulator as no direct
transfer between two registers is permitted.
Program Counter Low Register
- PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading a
value directly into this PCL register will cause a jump to the specified Program Memory location.
However, as the register is only 8-bit wide, only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.
Look-up Table Registers
- TBLP, TBLH
These three special function registers are used to control operation of the look-up table which is stored
in the Program Memory. TBLP is the table pointer and indicates the location where the table data is
located. The value must be setup before any table read commands are executed. Their value can be
changed, for example using the
²INC² or ²DEC² instructions, allowing for easy table data pointing and
reading. TBLH is the location where the high order byte of the table data is stored after a table read data
Rev. 1.20
30
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com