Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
Operation Mode
Description
CPU
fSYS
fSUB
fS
fTBC
NORMAL Mode
On
fH~fH/64
On
On
On
SLOW Mode
On
fL
On
On
On
IDLE0 Mode
Off
Off
On
On/Off
On
IDLE1 Mode
Off
On
On
On
On
SLEEP0 Mode
Off
Off
Off
Off
Off
SLEEP1 Mode
Off
Off
On
On
Off
· NORMAL Mode
As the name suggests this is one of the main operating modes where the microcontroller has all of its
functions operational and where the system clock is provided by one of the high speed oscillators.
This mode operates allowing the microcontroller to operate normally with a clock source will come
from one of the high speed oscillators, either the HXT, ERC, HIRC or EC oscillators. The high speed
oscillator will however first be divided by a ratio ranging from 1 to 64, the actual ratio being selected
by the CKS2~CKS0 and HLCLK bits in the SMOD register. Although a high speed oscillator is
used, running the microcontroller at a divided clock ratio reduces the operating current.
· SLOW Mode
This is also a mode where the microcontroller operates normally although now with a slower speed
clock source. The clock source used will be from one of the low speed oscillators, either the LXT or
the LIRC. Running the microcontroller in this mode allows it to run with much lower operating
currents. In the SLOW Mode, the fH is off.
· SLEEP0 Mode
The SLEEP Mode is entered when an HALT instruction is executed and when the IDLEN bit in the
SMOD register is low. In the SLEEP0 mode the CPU will be stopped, and the fSUB and fS clocks will
be stopped too, and the Watchdog Timer function is disabled. In this mode, the LVDEN is must set to
²0². If the LVDEN is set to ²1²,itwon¢t enter the SLEEP0 Mode.
· SLEEP1 Mode
The SLEEP Mode is entered when an HALT instruction is executed and when the IDLEN bit in the
SMOD register is low. In the SLEEP1 mode the CPU will be stopped. However the fSUB and fS
clocks will continue to operate if the LVDEN is
²1² or the Watchdog Timer function is enabled and if
its clock source is chosen via configuration option to come from the fSUB.
· IDLE0 Mode
The IDLE0 Mode is entered when a HALT instruction is executed and when the IDLEN bit in the
SMOD register is high and the FSYSON bit in the WDTC register is low. In the IDLE0 Mode the
system oscillator will be inhibited from driving the CPU but some peripheral functions will remain
operational such as the Watchdog Timer, Time Base 0 and SIM. In the IDLE0 Mode, the system
oscillator will be stopped. In the IDLE0 Mode the Watchdog Timer clock, fS, will either be on or off
depending upon the fS clock source. If the source is fSYS/4 then the fS clock will be off, and if the
source comes from fSUB then fS will be on.
· IDLE1 Mode
The IDLE1 Mode is entered when an HALT instruction is executed and when the IDLEN bit in the
SMOD register is high and the FSYSON bit in the WDTC register is high. In the IDLE1 Mode the
system oscillator will be inhibited from driving the CPU but may continue to provide a clock source
to keep some peripheral functions operational such as the Watchdog Timer, Time Base 0 and SIM. In
the IDLE1 Mode, the system oscillator will continue to run, and this system oscillator may be high
speed or low speed system oscillator. In the IDLE1 Mode the Watchdog Timer clock, fS, will be on.
If the source is fSYS/4 then the fS clock will be on, and if the source comes from fSUB then fS will be on.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
41
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com