Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVD1
Low Voltage Detector Voltage
¾
LVDEN=1, VLVD=2.0V
-5%
´
Typ.
2.0
+5%
´
Typ.
V
VLVD2
LVDEN=1, VLVD=2.2V
2.2
VLVD3
LVDEN=1, VLVD=2.4V
2.4
VLVD4
LVDEN=1, VLVD=2.7V
2.7
VLVD5
LVDEN=1, VLVD=3.0V
3.0
VLVD6
LVDEN=1, VLVD=3.3V
3.3
VLVD7
LVDEN=1, VLVD=3.6V
3.6
VLVD8
LVDEN=1, VLVD=4.4V
4.4
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
RPH
Pull-high Resistance
3V
¾
40
60
80
k
W
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VREF
V
VREF
A/D Input Reference Voltage
Range
¾ AVDD=5V
2
¾
VDD
V
DNL
ADC Differential Non-Linearity
5V
VREF=VDD,tAD=1
ms
¾±1
±2
LSB
INL
ADC Integral Non-Linearity
5V
VREF=VDD,tAD=1
ms
¾±2
±4
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1.0
mA
5V
¾
1.5
3.0
mA
VBG
Bandgap Reference with Buffer
voltage
¾¾
-3%
1.25
+3%
V
ILVR
DC current when LVR or LVD
turn on
5V
¾¾
20
30
mA
Note:
1. tSYS= 1/fSYS;tSUB = 1/fSUB
2. tRC32K is period of internal 32K RC, LIRC will not stop at Idle mode.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
15
September 15, 2011
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com