Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
In Circuit Programming
The provision of Flash type Program Memory provides the user with a means of convenient and easy
upgrades and modifications to their programs on the same device. As an additional convenience,
Holtek has provided a means of programming the microcontroller in-circuit using a 5-pin interface.
This provides manufacturers with the possibility of manufacturing their circuit boards complete with a
programmed or un-programmed microcontroller, and then programming or upgrading the program at
a later stage. This enables product manufacturers to easily keep their manufactured products supplied
with the latest program releases without removal and re-insertion of the device.
MCU Programming Pins
Function
PA0
Serial Data Input/Output
PA2
Serial Clock
RES
Device Reset
VDD
Power Supply
VSS
Ground
The Program Memory and EEPROM data memory can both be programmed serially in-circuit using
this 5-wire interface. Data is downloaded and uploaded serially on a single pin with an additional
line for the clock. Two additional lines are required for the power supply and one line for the reset.
The technical details regarding the in-circuit programming of the devices are beyond the scope of
this document and will be supplied in supplementary literature.
During the programming process the RES pin will be held low by the programmer disabling the
normal operation of the microcontroller and taking control of the PA0 and PA2 I/O pins for data and
clock programming purposes. The user must there take care to ensure that no other outputs are
connected to these two pins.
Programmer Pin
MCU Pins
RES
PB6
DATA
PA0
CLK
PA2
Programmer and MCU Pins
Rev. 1.20
26
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
*
*
*
W r i t e r _ V D D
R E S
D A T A
C L K
W r i t e r _ V S S
T o o t h e r C i r c u i t
D A T A
C L K
V S S
R E S
V D D
W r i t e r C o n n e c t o r
S i g n a l s
M C U P r o g r a m m i n g
P i n s
Note:
* may be resistor or capacitor. The resistance of * must be greater than 1k
W or the capacitance
of * must be less than 1nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com