| Electronic Components Datasheet Search |
|
HT45F23 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F23 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc |
|
106 / 152 page ![]() OPA2 switch control: The following table illustrates the relationship between OPA2 control register settings and the switches: · HT45F23 OPA2 Control Bits in OPA2C0, OPA2C1, OPA2C2 Switch Description Results A2PS A2NS A2OFM A2RS A2PSEL1 A2PSEL0 A1O2A2P A1O2A2N PGAEN A2O2N S4D S5D S6/7D S8D S9D S11D S12D~ S14D OPA2 connections 1 0 1 1 00 0 0 0 0 On On Off Off Off Off Off Calibration mode, Input = A2P 1 1 1 0 00 0 0 0 0 On On Off Off Off Off Off Calibration mode, Input = A2N 1 1 0 x 00 0 0 0 0 On On Off Off Off Off Off Normal mode, Input = A2N, A2P 0 1 0 x 01 0 0 0 0 Off On Off Off Off Off S12D On Input = A2N, VH1 0 1 0 x 10 0 0 0 0 Off On Off Off Off Off S13D On Input = A2N, VM 0 1 0 x 11 0 0 0 0 Off On Off Off Off Off S14D On Input = A2N, VL1 0 1 0 x 00 1 0 0 0 Off On Off Off Off On Off Input = A2N, A1E 1 0 0 x 00 0 1 0 0 On Off Off On Off Off Off Input = A1E, A2P 1 1 0 x 00 0 0 1 0 On On On Off Off Off Off Input = A2N, A2P 1 0 0 x 00 0 0 1 0 On Off On Off Off Off Off Input = A2N, A2P 1 0 0 x 00 0 0 0 1 On Off Off Off On Off Off Input = A2P, OPA2 as buffer 0 0 0 x 01 0 0 0 1 Off Off Off Off Off Off S12D On Input = VH1, OPA2 as buffer 0 0 0 x 10 0 0 0 1 Off Off Off Off Off Off S13D On Input = VM, OPA2 as buffer 0 0 0 x 11 0 0 0 1 Off Off Off Off Off Off S14D On Input = VL1, OPA2 as buffer · HT45F43 OPAs Control Bits Switch Description Results A2PS A2NS A2PSEL1, 0 A1O2A2P A1O2A2N PGAEN A2O2N S4D S5D S6/7D S8D S9D S11D S12D~ S14D OPA2 Connections 1 1 00 0 0 0 0 On On Off Off Off Off Off Normal mode, Input = A2N, A2P 0 1 01 0 0 0 0 Off On Off Off Off Off S12D On Input = A2N, VH1 0 1 10 0 0 0 0 Off On Off Off Off Off S13D On Input = A2N, VM 0 1 1 0 0 0 0 Off On Off Off Off Off S14D On Input = A2N, VL1 0 1 00 1 0 0 0 Off On Off Off Off On Off Input = A2N, A1E 1 0 00 0 1 0 0 On Off Off On Off Off Off Input = A1E, A2P 1 1 00 0 0 1 0 On On On Off Off Off Off Input = A2N, A2P 1 0 00 0 0 1 0 On Off On Off Off Off Off Input = A2N, A2P 1 0 00 0 0 0 1 On Off Off Off On Off Off Input = A2P, OPA2 as buffer 0 0 01 0 0 0 1 Off Off Off Off Off Off S12D On Input = VH1, OPA2 as buffer 0 0 10 0 0 0 1 Off Off Off Off Off Off S13D On Input = VM, OPA2 as buffer 0 0 11 0 0 0 1 Off Off Off Off Off Off S14D On Input = VL1, OPA2 as buffer Rev. 1.20 106 September 15, 2011 HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |