Electronic Components Datasheet Search
  English  ▼

X  

HT49RA1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49RA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.0
¾
3.6
V
IDD
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
¾
0.7
1.5
mA
ISTB1
Standby Current (*fS=T1)
3V
No load, system HALT,
LCD off at HALT
¾
0.1
1
mA
ISTB2
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT,
LCD On at HALT, C type
¾
2.5
5
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD On at HALT, C type
¾
25
mA
VIL1
Input Low Voltage for I/O Ports,
TMR0/TMR1 and INT0/INT1
3V
¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR0/TMR1 and INT0/INT1
3V
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)3V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)3V
¾
0.9VDD
¾
VDD
V
IOL1
I/O Port & REM Sink Current
3V
VOL=0.1VDD
48
¾
mA
IOH1
I/O Port & REM Source Current
3V
VOH=0.9VDD
-5
-7
¾
mA
IOL2
LCD Common and Segment Current
3V
VOL=0.1VDD
210
420
¾mA
IOH2
LCD Common and Segment Current
3V
VOH=0.9VDD
-80
-160
¾mA
RPH
Pull-high Resistance of I/O Ports
3V
¾
100
150
200
k
W
VLVR
Low Voltage Reset Voltage
¾
LVR 2.1V option
1.98
2.10
2.22
V
LVR 3.15V optio
2.98
3.15
3.32
V
VLVD
Low Voltage Detector Voltage
¾ LVD voltage 2.2V option
2.08
2.20
2.32
V
LVD voltage 3.3V option
3.12
3.30
3.50
V
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾
¾
¾
100
mV
RPOR
VDD Rise Rate to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
Note:
tSYS=1/fSYS
²*fS² please refer to WDT clock option
HT49RA1/HT49CA1
Rev. 1.00
5
May 7, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com