Electronic Components Datasheet Search
  English  ▼

X  

HT49RA1 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49RA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
HT49RA1/HT49CA1
Remote Type 8-Bit MCU with LCD
Rev. 1.00
1
May 7, 2008
General Description
The HT49RA1/HT49CA1 is a Remote Type 8-bit MCU
8-bit
high
performance
RISC
architecture
microcontroller. With its internal carrier generator and
LCD Driver functions the device is is especially suitable
for multiple I/O remote control product applications. The
usual Holtek MCU features such as power down and
wake-up functions, oscillator options, etc. combine to
ensure user applications require a minimum of external
components.
The benefits of low power consumption, high perfor-
mance, I/O flexibility and low-cost, provide these de-
vices with the versatility to suit a wide range of
application possibilities such as industrial control, con-
sumer products and particularly suitable for use in prod-
ucts such as infrared LCD remote controllers and
various, subsystem controllers, etc.
Features
· Operating voltage: 2.0V~3.6V
· 12 bidirectional I/O lines, 8 input lines,
8 segment output, PC0 (input/output)/REM
· Two external interrupt inputs shared with an I/O line
· 8-bit programmable Timer/Event Counter with
overflow interrupt function
· Single 16-bit programmable timer/event counter
with overflow interrupt function
· RC oscillator and 32768Hz crystal oscillator
· LCD driver with 33´2, 33´3or32´4 segments
(C type only), 8 logical output option for
SEG12~SEG19 and 4 I/O port option for
SEG0~SEG3 by changing LCDC register
· 4096´15 program memory
· 160´8 data memory
· Real Time Clock - RTC
· 8-bit prescaler for RTC
· One carrier output (1/2or1/3 duty)
· Software LCD, RTC control
· Watchdog Timer function
· Power down and wake-up functions to reduce
power consumption
· Up to 1ms instruction cycle with 4MHz system clock
· 4-level subroutine nesting
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset/detector function
· 52-pin QFP, 64-pin LQFP packages
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT49RA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
Remote Type 8-Bit MCU with LCD
March 30, 2014
More results

Similar Description - HT49RA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
Remote Type 8-Bit MCU with LCD
October 24, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
Remote Type 8-Bit MCU with LCD
February 18, 2013
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
Remote Type 8-Bit MCU with LCD
March 20, 2014
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
Remote Type 8-Bit MCU with LCD
March 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com