Electronic Components Datasheet Search
  English  ▼

X  

HT49RA1 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT49RA1 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
HT49RA1/HT49CA1
Rev. 1.00
22
May 7, 2008
V A
V B
V C
V S S
1 F r a m e
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 0
C O M 1
C O M 2
A l l s e g m e n t s O F F
C O M 0 s e g m e n t s O N
C O M 3
C O M 1 s e g m e n t s O N
C O M 2 s e g m e n t s O N
( o t h e r c o m b i n a t i o n s a r e o m i t t e d )
C O M 0 , 1 s e g m e n t s O N
C O M 3 s e g m e n t s O N
N o r m a l O p e r a t i o n M o d e
D u r i n g R e s e t o r i n H A L T M o d e
C O M 0 , C O M 1 , C O M 2 , C O M 3
A l l s e g m e n t o u t p u t s
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 0 , 2 s e g m e n t s O N
V A
V B
V C
V S S
C O M 0 , 3 s e g m e n t s O N
V A
V B
V C
V S S
A l l s e g m e n t s O N
LCD Driver Output (1/4 Duty, 1/3 Bias)
Note:
For 1/3 bias VA=VLCD
´1.5, VB=VLCD and VC=VLCD´1/2.
The LCD function can be optioned as on or off during the Power Down Mode by a configuration option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com