Electronic Components Datasheet Search
  English  ▼

X  

HT49RA1 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT49RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
2.0V~
3.6V
4MHz
± 3%,
Temp.= 0
°C~50°C
¾
4000
¾
kHz
3.0V
4MHz
± 2%, Temp.= 25°C
¾
4000
¾
kHz
fRTCOSC RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
3V
¾
0
¾
4000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: *tSYS=1/fSYS
HT49RA1/HT49CA1
Rev. 1.00
6
May 7, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com