Electronic Components Datasheet Search
  English  ▼

X  

HT49RA1 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT49RA1 Datasheet HTML 34Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 35Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 36Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 37Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 38Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 39Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 40Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 41Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
HT49RA1/HT49CA1
Rev. 1.00
38
May 7, 2008
Oscillator
The one methods of generating the system clock are:
· External RC oscillator
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
External RC Oscillator
As an RC oscillator is used, an external resistor be-
tween OSC1 and VSS is required whose value should
be 12k
W for a frequency of 4MHz. The RC oscillator pro-
vides a
±3% accuracy, the conditions are:
· V
DD=2.0V~3.6V
· Temp.= 0
°C~50°C
· f
SYS=4MHz
External RTC Oscillator
When the microcontroller enters the Power Down Mode,
the system clock is switched off to stop microcontroller
activity and to conserve power. However, in many
microcontroller applications it may be necessary to keep
the internal timers operational even when the
microcontroller is in the Power Down Mode. To do this,
another clock, independent of the system clock, must be
provided. To do this a configuration option exists for a
Real Time Clock - RTC oscillator. Here the OSC3 and
OSC4 pins, should be connected to a 32768Hz crystal
to implement this internal RTC oscillator. However, for
some crystals, to ensure oscillation and accurate fre-
quency generation, it may be necessary to add two
small value external capacitors, C1 and C2. The exact
values of C1 and C2 should be selected in consultation
with the crystal or resonator manufacturer
¢s specifica-
tion. The external parallel feedback resistor, Rp, is nor-
mally not required but in some cases may be needed to
assist with oscillation start up.
Internal Ca, Cb, Rf Typical Values @ 5V, 25
°C
Ca
Cb
Rf
TBD
TBD
TBD
RTC Oscillator Internal Component Values
RTC Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
CL
32768Hz
TBD
TBD
TBD
Note:
1. C1 and C2 values are for guidance only.
2. CL is the crystal manufacturer specified
load capacitor value.
32768 Hz Crystal Recommended Capacitor Values
O S C 1
RC Oscillator
O S C 3
O S C 4
R f
T o i n t e r n a l
c i r c u i t s
C 1
C 2
C a
C b
R p
N o t e : R p i s n o r m a l l y n o t r e q u i r e d .
3 2 7 6 8 H z
External RTC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com