Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 123Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 124Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 125Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
122
March 06 , 2012
Rev. 1.50
123
March 06 , 2012
●
TM2DL Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM2DL: TM2 Counter Low Byte Register bit 7~bit 0
TM2 16-bit Counter bit 7~bit 0
●
TM2DH Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM2DH: TM2 Counter High Byte Register bit 7~bit 0
TM2 16-bit Counter bit 15~bit 8
●
TM2AL Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM2AL: TM2 CCRA Low Byte Register bit 7~bit 0
TM2 16-bit CCRA bit 7~bit 0
●
TM2AH Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM2AH: TM2 CCRA High Byte Register bit 7~bit 0
TM2 16-bit CCRA bit 15~bit 8
●
TM2RP Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM2RP: TM2 CCRP Register bit 7 ~ bit 0
TM2 CCRP 8-bit register, compared with the TM2 Counter bit 15 ~ bit 8. Comparator
P Match Period
0: 65536 TM2 clocks
1~255: 256 x (1~255) TM2 clocks
These eight bits are used to setup the value on the internal CCRP 8-bit register, which
are then compared with the internal counter's highest eight bits. The result of this
comparison can be selected to clear the internal counter if the T2CCLR bit is set to
zero. Setting the T2CCLR bit to zero ensures that a compare match with the CCRP
values will reset the internal counter. As the CCRP bits are only compared with the
highest eight counter bits, the compare values exist in 256 clock cycle multiples.
Clearing all eight bits to zero is in effect allowing the counter to overflow at its
maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com