Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 147Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 242 page
background image
Rev. 1.50
144
March 06 , 2012
Rev. 1.50
145
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Single Pulse Mode
To select this mode, the required bit pairs, TnAM1, TnAM0 and TnBM1, TnBM0 should be set to
10 respectively and also the corresponding TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits should be
set to 11 respectively. The Single Pulse Output Mode, as the name suggests, will generate a single
shot pulse on the TM output pin.
The trigger for the pulse TPnA output leading edge is a low to high transition of the TnON bit,
which can be implemented using the application program. The trigger for the pulse TPnB output
leading edge is a compare match from Comparator B, which can be implemented using the
application program. However in the Single Pulse Mode, the TnON bit can also be made to
automatically change from low to high using the external TCKn pin, which will in turn initiate the
Single Pulse output of TPnA. When the TnON bit transitions to a high level, the counter will start
running and the pulse leading edge of TPnA will be generated. The TnON bit should remain high
when the pulse is in its active state. The generated pulse trailing edge of TPnA and TPnB will be
generated when the TnON bit is cleared to zero, which can be implemented using the application
program or when a compare match occurs from Comparator A.
However a compare match from Comparator A will also automatically clear the TnON bit and thus
generate the Single Pulse output trailing edge of TPnA and TPnB. In this way the CCRA value can
be used to control the pulse width of TPnA. The CCRA-CCRB value can be used to control the
pulse width of TPnB. A compare match from Comparator A and Comparator B will also generate
TM interrupts. The counter can only be reset back to zero when the TnON bit changes from low to
high when the counter restarts. In the Single Pulse Mode CCRP is not used. The TnCCLR bit is also
not used.
TnON bit
0  1
S/W Command
SET“TnON”
or
TCKn Pin
Transition
CCRB
Leading Edge
TnON bit
1  0
CCRA
Trailing Edge
S/W Command
CLR“TnON”
or
CCRA Compare
Match
TPnA Output Pin
TPnB Output Pin
Pulse Width = (CCRA-CCRB) Value
Pulse Width = CCRA Value
Counter Value
CCRB
CCRA
0
Time
TnON = 1
CCRB Compare
Match
TnON bit
1  0
S/W Command
CLR“TnON”
or
CCRA Compare
Match
CCRB
Trailing Edge
CCRA
Leading Edge
Single Pulse Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com