Electronic Components Datasheet Search
  English  ▼

X  

PA4101 Datasheet(PDF) 5 Page - Protek Devices

Part # PA4101
Description  PUNK with 關P Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4101 Datasheet(HTML) 5 Page - Protek Devices

  PA4101 Datasheet HTML 1Page - Protek Devices PA4101 Datasheet HTML 2Page - Protek Devices PA4101 Datasheet HTML 3Page - Protek Devices PA4101 Datasheet HTML 4Page - Protek Devices PA4101 Datasheet HTML 5Page - Protek Devices PA4101 Datasheet HTML 6Page - Protek Devices PA4101 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
73
PA4101
PUNK with µP Supervisor
95000 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
VCC
RCS
GND
MUTECONT
MUTE 1
MUTE 2
C16
10µF
C12
1µF
C14
10µF
R15
10K
R16
10K
R14
22K
R13
240K
C13
10µF
C15
10µF
R17
100Ω
R19
100Ω
R21
10K
D1
U2
74LS04
SMUTEOUT
CEXT
R18
10K
R20
10K
LINE OUT LEFT
LINE OUT RIGHT
VCC
3.3V
FUNCTION.
GENERATOR
1V PTP 1KHz
SINE WAVE
V.S. 1
S1
3
5
6
9
10
12
8
14
Typical Application Audio Muting.
Notes:
1. A Set Top Box audio output is “simulated” using C14, R15, R16 and VS 1.
2. VS 1 is a signal generator having an output impedance of 50Ohm.
3. U2 is the IC 74LS04.
4. U2 runs off of PUNK Vcc (Output of D1, C16 and R14).
5. Input to U2 is the Set Top Box Vcc
6. Switch S1 serves as a manual “Audio Mute” to enable the muting function.
7. Scope probes were attached to Set Top Box Power Supply and Line Out.
8.
Waveform shown in Figure 4 to Figure 9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com