Electronic Components Datasheet Search
  English  ▼

X  

PA4101 Datasheet(PDF) 4 Page - Protek Devices

Part # PA4101
Description  PUNK with 關P Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4101 Datasheet(HTML) 4 Page - Protek Devices

  PA4101 Datasheet HTML 1Page - Protek Devices PA4101 Datasheet HTML 2Page - Protek Devices PA4101 Datasheet HTML 3Page - Protek Devices PA4101 Datasheet HTML 4Page - Protek Devices PA4101 Datasheet HTML 5Page - Protek Devices PA4101 Datasheet HTML 6Page - Protek Devices PA4101 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
72
PA4101
PUNK with µP Supervisor
95000 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Timing Diagram Supervisor
THEORY OF OPERATION Audio Muting
STARTUP
During Startup, the Power supply ramps from 0V to VCC.
This time is usually in excess of 20ms. As soon
as this change in voltage is sensed, PUNK latches the
Mute Controller outputs to HIGH, thus “muting” the lines.
This is the Startup Operation (figure 1). The duration for
which the controller outputs are latched
HIGH can be controlled by an external RC circuit.
When the voltage at this RC pin reaches a certain
threshold, the mute controller releases the lines
(Gate voltage is LOW) and Normal Operation starts.
SHUTDOWN
During Shutdown, the reverse process happens. As the
power supply reaches the threshold on its way down, the
mute controller again latches the outputs to HIGH, thus
“muting” the lines (figure 2). This muting prevents
unwanted signal spikes from getting to the power
amplifiers. However, for optimal performance, it is
suggested to mute the lines using the MUTECONT signal
before power down. This process will ensure that the pop
noise involved during shutdown is diminished
SOFTMUTE
During normal operation, PUNK is in OFF state. But if
there arises a situation when the audio lines need
to be muted, the designer can do this by asserting the
MUTECONT signal to HIGH. This will initiate a
SOFTMUTE sequence (figure 3). When the
MUTECONT signal is asserted, the mute controller
gradually ramps the control voltages in a “SOFT”
fashion so as to provide a soft mute operation. The
mute delay is fully controllable by the designer by using
an external capacitor at CEXT. Typical values of CEXT
are between 0.1μF and 0.5μF. The reverse happens
when the MUTECONT signal is released. This
operation is explained in detail in the Application Circuit
section.
Figure 1: Startup Pop-Noise Reduction
Figure 2: Shutdown Pop-Noise Reduction
Figure 3: SOFT mute operation
VCC
VRST
VRSTH
tRP
tRD
tRP
RESET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com