Electronic Components Datasheet Search
  English  ▼

X  

PA4101 Datasheet(PDF) 2 Page - Protek Devices

Part # PA4101
Description  PUNK with 關P Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4101 Datasheet(HTML) 2 Page - Protek Devices

  PA4101 Datasheet HTML 1Page - Protek Devices PA4101 Datasheet HTML 2Page - Protek Devices PA4101 Datasheet HTML 3Page - Protek Devices PA4101 Datasheet HTML 4Page - Protek Devices PA4101 Datasheet HTML 5Page - Protek Devices PA4101 Datasheet HTML 6Page - Protek Devices PA4101 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
70
PA4101
PUNK with µP Supervisor
95000 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings
Sustained operation at or above the following ratings is not recommended. Catastrophic and irreversible damage will occur to the device at or above
these ratings.
Symbol
Description
Rating
VX
Voltage at any pin
-0.3 to 7.0+0.3 V
IX
Current at any pin
500mA
TA
Ambient Temperature
150 ° C
TS
Storage Temperature
200 ° C
TSOL
Soldering Temperature
270 ° C
Recommended Operating Conditions:
Unless otherwise specified, VDD=2.7±10%, TA = Ambient Temperature = 25 deg C.
DC Operating Conditions
Limit
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Positive Power Supply
Operating
2.7
5.5
V
IDD
VDD Current
Operating
1
mA
TA
Ambient Temperature
Operating
-30
85
°C
VOH
Logic High O/P Voltage
IOH=100μA
VDD-0.1
V
VOL
Logic Low O/P Voltage
IOL=-100μA
0.2
V
VIH
Logic High I/P Voltage
IIH=1μA
VDD-0.3
V
VIL
Logic Low I/P Voltage
IIL=1μA
0.3
V
RON
FET ON Resistance
VDD=2.7V, VDFET=0.4V
1.5
Ω
Supervisor Operating Conditions
Limit
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VRST
Reset Voltage
Operating
2.5
V
VRSTH
Reset Threshold
VDD falling -40 to 85 degC
-2.5
2.5
%
VHYS
Reset Threshold hysteresis
VDD=2.7V
17
29
mV
VHYS
Reset Threshold hysteresis
VDD=5.5V
36
60
mV
TRD
VDD – Reset Delay
VDD falling at 1mv/μs
20
μs
TRP
Reset Time Out Period
44
75
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com