Electronic Components Datasheet Search
  English  ▼

X  

PA4101 Datasheet(PDF) 3 Page - Protek Devices

Part # PA4101
Description  PUNK with 關P Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4101 Datasheet(HTML) 3 Page - Protek Devices

  PA4101 Datasheet HTML 1Page - Protek Devices PA4101 Datasheet HTML 2Page - Protek Devices PA4101 Datasheet HTML 3Page - Protek Devices PA4101 Datasheet HTML 4Page - Protek Devices PA4101 Datasheet HTML 5Page - Protek Devices PA4101 Datasheet HTML 6Page - Protek Devices PA4101 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
71
PA4101
PUNK with µP Supervisor
95000 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Mute Operating Conditions
Limit
Symbol
Parameter
Condition
Min
Typ
Max
Unit
MOFFD
Mute release delay
Mute Control=VIL
Set by ext. capacitor CM
10
300
mS
MSTD
Soft mute fall/rise time
Mute Control transitions to VIH. Set by ext.
capacitor CEXT
1
300
mS
MPDEL
Mute ON Delay
Power drops by 10%
5
μS
NFETV
NFET open drain volt
12
V
Pin Out
Pin
Name
Function
1
RESET
Inverted Reset output from the voltage supervisor
2
RESET
Reset output from the voltage supervisory circuit.
3
VCC
Positive power supply. 2.7V to 5.5V ±10%
4
MCUVCC
Microprocessor power supply
5
RCS
Power On mute delay resistor-capacitor connection.
6
MUTECONT
Mute control signal from microprocessor.
8
GND
Ground.
9
MUTE1
Open Drain output of NFET 1
10
MUTE2
Open Drain output of NFET 2
12
SMUTEOUT
Soft Mute OUT for multiple channels.
13
CHIPOP
Supply voltage selector. Connect to GND for 2.7V, VCC for 5.5V.
14
CEXT
Soft mute delay capacitor.
Operation Of Supervisor Circuit.
The reset input of a µP initializes the device into a known
state. The PA4101 supervisor circuitry asserts a forced reset
output to prevent code execution errors during Power-up,
power-down and brownout conditions.
RESET is valid for VCC >1Volt. Once VCC exceeds the
threshold, an internal timer maintains the output for the reset
period timeout. After this interval, reset goes high.
Any time VCC drops below the reset threshold, the reset
activates. When VCC again rises above the threshold, the
internal timer starts. Reset holds until VCC exceeds the reset
threshold for longer than the reset timeout period. After this
time the reset release
Supervisor Application
VCC
RESET
GND
R
C
VIN
VOUT
VRSTH
RESET
VIN
VOUT
tRP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com