Electronic Components Datasheet Search
  English  ▼

X  

PA4101 Datasheet(PDF) 1 Page - Protek Devices

Part # PA4101
Description  PUNK with 關P Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4101 Datasheet(HTML) 1 Page - Protek Devices

  PA4101 Datasheet HTML 1Page - Protek Devices PA4101 Datasheet HTML 2Page - Protek Devices PA4101 Datasheet HTML 3Page - Protek Devices PA4101 Datasheet HTML 4Page - Protek Devices PA4101 Datasheet HTML 5Page - Protek Devices PA4101 Datasheet HTML 6Page - Protek Devices PA4101 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
69
PA4101
PUNK with µP Supervisor
95000 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
•
Precision supply voltage monitoring
•
Reset Timeout Delay
•
36dB mute attenuation
•
2.7V to 5.5V single-supply operation
•
ESD protected outputs
•
Low supply current
•
Soft Mute out for driving additional channels
•
SOIC 14
Applications
•
Set-top boxes
•
Cell phones
•
PDA’s
•
Portable DVD players
•
Portable MP3 players
•
Notebook Audio
•
Critical µP Power Monitoring
Pin Layout
Functional Diagram Typical Application
General Description
The PA4101 is a low power monolithic CMOS mixed signal
device. Its function is to control power supply transition noise
in audio circuits and systems. It requires very few external
components for its operation and works from low to medium
power supply voltages of 2.7V to 5.5V. As the power supply
ramps ON or OFF, the PA4101 ensures that audio inputs to
succeeding amplifiers are switched to a convenient low
impedance voltage rail. This causes the amplifiers to remain
silent as the power supply changes state (from ON to OFF
and vice versa).
Also included in the device is a digital control pin which can be
used by a control device such as a micro controller or a micro-
processor or any other digital controller to enable the audio
mute function. This supervisory circuit provides maximum
flexibility for monitoring power supplies and battery controlled
functions in systems without backup batteries.
A Reset is asserted during power up, power down and
brownout conditions. RESET is guaranteed down to Vcc of
1.0V.
Low line output. The early warning indicator goes low when
the supply voltage drops to a value 2% higher than the reset
threshold voltage
The PA4101 consumes less than 50μA of supply current while
providing more than 36dB of mute attenuation at the audio
lines. ESD (Human Body Model) protection circuitry on the
outputs protects the PA4101 and devices further up the signal
chain.
The PA4101 is available as a 14L SOIC package and is
specified for operation over the -40°C to +85°C temperature
range.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RESET
RESET
VCC
MCUVCC
RCS
MUTECONT
GND
MUTE1
MUTE2
SMUTEOUT
CHIPOP
CEXT
NC
NC
µP Mute
Control
6
5
14
8
3
12
9
10
C1 0.1µF
C3 0.5µF
C4 47µF
C5 47µF
R2 220Ω
R4 220Ω
R3 10KΩ
R5 10KΩ
PA4101
Mute1
Mute2
Right Input
Left Input
Left Output
Right Output
Vcc
Vcc
SMUTEOUT
RSET
RST
µP VCC
Chip
OP
13
1
2
4
C2 10µF
R1 500KΩ
CEXT
RCS


Similar Part No. - PA4101

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PA410BD NIKOSEM-PA410BD Datasheet
307Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA410BD UNIKC-PA410BD Datasheet
743Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA410BIS NIKOSEM-PA410BIS Datasheet
360Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA410BIS UNIKC-PA410BIS Datasheet
703Kb / 8P
N-Channel Enhancement Mode MOSFET
PA410BT UNIKC-PA410BT Datasheet
761Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - PA4101

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
LOW-POWER 關P SUPERVISOR CIRCUITS
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
關P Supervisor Circuits
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com