Electronic Components Datasheet Search
  English  ▼

X  

PA5322 Datasheet(PDF) 11 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 11 Page - Protek Devices

Back Button PA5322 Datasheet HTML 7Page - Protek Devices PA5322 Datasheet HTML 8Page - Protek Devices PA5322 Datasheet HTML 9Page - Protek Devices PA5322 Datasheet HTML 10Page - Protek Devices PA5322 Datasheet HTML 11Page - Protek Devices PA5322 Datasheet HTML 12Page - Protek Devices PA5322 Datasheet HTML 13Page - Protek Devices PA5322 Datasheet HTML 14Page - Protek Devices PA5322 Datasheet HTML 15Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
001 – I
2S, up to 24 bit data (default)
010 – Right justified, 16 bit data
011 – Reserved
100 – Reserved
101 – Right justified, 24 bit data
110 – Reserved
111 – Reserved
SCLKRatio
2:1
00 – 32
01 – 48
10 – 64 (default)
11 – 128
Reserved
0
Reserved
ADC Mute Control – 0x03
Bit Name
Bit
Description
ADCMute
7
0 – normal (default)
1 – mute ADC digital output
Reserved
6
Reserved
ADCRampRate
5:4
These bits define ADC gain control ramp rate:
00 – 0.5 dB per 4 LRCK (default)
01 – 0.5 dB per 8 LRCK
10 – 0.5 dB per 16 LRCK
11 – 0.5 dB per 32 LRCK
ADCL=R
3
0 – normal (default)
1 – both channel gain control is set by ADC Left Gain Control register
ADCSoftRamp
2
ADC soft ramp at mute or gain change:
0 – Disabled
1 – Enabled (default)
ADCZeroCrs
1
ADC mute or gain change at zero crossing signal level to minimize audible noise
0 – Disabled
1 – Enabled (default)
Reserved
0
Reserved
ADC Left Gain Control – 0x04
Bit Name
Bit
Description
ADCGainL
7:0
1110 1000 – 6.0 dB gain (PGA)
1110 1001 – 6.5 dB gain (PGA)
1110 1010 – 7.0 dB gain (PGA)
1110 1011 – 7.5 dB gain (PGA)
1110 1100 – 8.0 dB gain (PGA)
1110 1101 – 8.5 dB gain (PGA)
1110 1110 – 9.0 dB gain (PGA)
1110 1111 – 9.5 dB gain (PGA)
1111 0000 – 10.0 dB gain (PGA)
1111 0001 – 10.5 dB gain (PGA)
1111 0010 – 11.0 dB gain (PGA)
1111 0011 – 11.5 dB gain (PGA)
1111 0100 – 6.0 dB attenuation (PGA)
1111 0101 – 5.5 dB attenuation (PGA)
1111 0110 – 5.0 dB attenuation (PGA)
1111 0111 – 4.5 dB attenuation (PGA)
1111 1000 – 4.0 dB attenuation (PGA)
1111 1001 – 3.5 dB attenuation (PGA)
1111 1010 – 3.0 dB attenuation (PGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com