Electronic Components Datasheet Search
  English  ▼

X  

PA5322 Datasheet(PDF) 16 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 16 Page - Protek Devices

Back Button PA5322 Datasheet HTML 9Page - Protek Devices PA5322 Datasheet HTML 10Page - Protek Devices PA5322 Datasheet HTML 11Page - Protek Devices PA5322 Datasheet HTML 12Page - Protek Devices PA5322 Datasheet HTML 13Page - Protek Devices PA5322 Datasheet HTML 14Page - Protek Devices PA5322 Datasheet HTML 15Page - Protek Devices PA5322 Datasheet HTML 16Page - Protek Devices PA5322 Datasheet HTML 17Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PACKAGE DIMENSIONS AND MEASUREMENTS
28-pin SSOP Outline Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com