Electronic Components Datasheet Search
  English  ▼

X  

PA5322 Datasheet(PDF) 2 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 2 Page - Protek Devices

  PA5322 Datasheet HTML 1Page - Protek Devices PA5322 Datasheet HTML 2Page - Protek Devices PA5322 Datasheet HTML 3Page - Protek Devices PA5322 Datasheet HTML 4Page - Protek Devices PA5322 Datasheet HTML 5Page - Protek Devices PA5322 Datasheet HTML 6Page - Protek Devices PA5322 Datasheet HTML 7Page - Protek Devices PA5322 Datasheet HTML 8Page - Protek Devices PA5322 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin
Pin No.
Pin Description
ADC Pin.
AIN1L/R
20, 19
Analog input 1 left and right channels
AIN2L/R
23, 18
Analog input 2 left and right channels
AIN3L/R
24, 17
Analog input 3 left and right channels
AIN4L/R
25, 16
Analog input 4 left and right channels
ADCMCLK
9
ADC master clock
ADCSDOUT/M3
10
ADC PCM serial data output
ADCLRCK
5
ADC PCM serial data left and right channel frame clock
ADCSCLK
6
ADC PCM serial data bit clock
DACMCLK
4
DAC master clock
DACSDIN
1
DAC PCM serial data input
DACLRCK
2
DAC PCM serial data left and right channel frame clock
DACSCLK
3
DAC PCM serial data bit clock
AOUTL/R
28, 27
DAC analog output left and right channels
MUTE
14
Mute pin, active when detect 8K zero input in both left and right channels or users
choose to mute the DAC
DAC Pin.
CE/M0
13
SPI uC interface chip select or 2-wire AD0
CCLK/M2
11
SPI or 2-wire (I2C compatible) uC interface clock
CDATA/M1
12
SPI or 2-wire (I2C compatible) uC interface data
Micro-Controller Pin or Hardware Mode Pin.
VDDD/GNDD
7, 8
Digital power supply
VDDA/GNDA
22, 21
Analog power supply
ADCREFP/DACREFP
15, 26
Analog filtering pins
AIN4L
AOUTL
VDDA
DACREFP
AOUTR
GNDA
ADCREFP
AIN4R
AIN2L
AIN3L
AIN1R
AIN1L
AIN3R
AIN2R
ADCMCLK
ADCLRCK
VDDD
ADCSDOUT/M3
DACLRCK
ADCSCLK
GNDD
DACSDIN
MUTE
DACSCLK
CE/M0
CDATA/M1
CCLK/M2
DACMCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com