Electronic Components Datasheet Search
  English  ▼

X  

PA5322 Datasheet(PDF) 13 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 13 Page - Protek Devices

Back Button PA5322 Datasheet HTML 9Page - Protek Devices PA5322 Datasheet HTML 10Page - Protek Devices PA5322 Datasheet HTML 11Page - Protek Devices PA5322 Datasheet HTML 12Page - Protek Devices PA5322 Datasheet HTML 13Page - Protek Devices PA5322 Datasheet HTML 14Page - Protek Devices PA5322 Datasheet HTML 15Page - Protek Devices PA5322 Datasheet HTML 16Page - Protek Devices PA5322 Datasheet HTML 17Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
001 – I
2S, up to 24 bit data (default)
010 – Right justified, 16 bit data
011 – Reserved
100 – Reserved
101 – Right justified, 24 bit data
110 – Reserved
111 – Reserved
DeEmphasisMode
2:1
00 – De-emphasis filter disabled (default)
01 – De-emphasis filter for Fs=32 KHz
10 – De-emphasis filter for Fs=44.1 KHz
11 – De-emphasis filter for Fs=48 KHz
Reserved
0
Reserved
DAC Mute Control – 0x08
Bit Name
Bit
Description
DACMute
7
0 – un-mute analog outputs for both channels (default)
1 – mute analog outputs for both channels
DACRampRate
6
These bits define volume control ramp rate:
00 – 0.5 dB per 4 LRCK (default)
01 – 0.5 dB per 8 LRCK
10 – 0.5 dB per 16 LRCK
11 – 0.5 dB per 32 LRCK
AutoMute
5
Auto mute function: long period of zero inputs (8k audio samples) will mute the analog output.
Any single non-zero input will un-mute. 0 – disable
1 – enable (default)
DACL=R
4
0 – normal (default)
1 – both channel volume control is set by Left Volume Control register
DACSoftRamp
3
Soft ramp at mute and volume change:
0 – Disabled
1 – Enabled (default)
DACZeroCrs
1
Mute or volume change at zero crossing signal level to minimize audible noise
0 – Disabled
1 – Enabled (default)
Reserved
0
Reserved
DAC Left Volume Control – 0x09
Bit Name
Bit
Description
DACVolumeL
7:0
Digital volume control setting attenuates the signal in 0.5 dB incremental from 0 to –120 dB.
Max setting is –120 dB.
0000 0000 – no attenuation (default)
0000 0001 – 0.5 dB attenuation
0000 0010 – 1.0 dB attenuation
0000 0011 – 1.5 dB attenuation
……..
DAC Right Volume Control – 0x0a
Bit Name
Bit
Description
DACVolumeR
7:0
Same as DACVolumeL settings for DAC right channel
Digital Audio Interface
The device provides three formats of serial audio data interface to the input of the DAC or output from the ADC through LRCK, SCLK
and SDIN/SDOUT pins. The three formats are I
2S, left justified and right justified. In the hardware mode, the formats are selected
through pin M3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com