Electronic Components Datasheet Search
  English  ▼

X  

PA5322 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 3 Page - Protek Devices

  PA5322 Datasheet HTML 1Page - Protek Devices PA5322 Datasheet HTML 2Page - Protek Devices PA5322 Datasheet HTML 3Page - Protek Devices PA5322 Datasheet HTML 4Page - Protek Devices PA5322 Datasheet HTML 5Page - Protek Devices PA5322 Datasheet HTML 6Page - Protek Devices PA5322 Datasheet HTML 7Page - Protek Devices PA5322 Datasheet HTML 8Page - Protek Devices PA5322 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
In hardware mode, the mode pins function as follows:
Pin
Pin No.
Pin Description
M3
10
External pull-up (47k resistor) – ADC and DAC I
2S serial data format
External pull-down (47k resistor) – ADC and DAC LJ serial data format
M2
11
0 – no de-emphasis
1 – 44.1 kHz de-emphasis filter on
M1:M0
12, 13
00 – select AIN1
01 – select AIN2
10 – select AIN3
11 – select AIN4
ABSOLUTE MAXIMUM RATINGS
Supply Voltage …………………………. MIN-0.3V MAX +7.0V
Input Voltage ………………… MIN GND-0.3V MAX VDD+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Temperature…………………MIN -65°C MAX +150°C
Note: Continuous operation at or beyond these conditions may
permanently damage the device.
RECOMMENDED OPERATING CONDITIONS
Analog Supply Voltage ………………… MIN 3.0V MAX 5.5V
Digital Supply Voltage ………………… MIN 3.0V MAX 5.5V
ADC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
VDDA=+5.0V, VDDD=+5.0V, GNDA=0V, GNDD=0V, Ambient temperature=+25
C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
ADC Performance
Dynamic Range (Note 1)
85
95
100
dB
THD+N
-90
-86
-80
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
85
95
100
dB
Inter-channel Gain Mismatch
0.1
dB
Gain Error
±5
%
Filter Frequency Response – Single Speed
Pass-band
0
0.4535
Fs
Stop-band
0.5465
Fs
Pass-band Ripple
±0.05
dB
Stop-band Attenuation
70
dB
Filter Frequency Response – Double Speed
Pass-band
0
0.4167
Fs
Stop-band
0.5833
Fs
Pass-band Ripple
±0.005
dB
Stop-band Attenuation
70
dB
Filter Frequency Response – Quad Speed
Pass-band
0
0.2083
Fs
Stop-band
0.7917
Fs
Pass-band Ripple
±0.005
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com