Electronic Components Datasheet Search
  English  ▼

X  

PA5750 Datasheet(PDF) 11 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 11 Page - Protek Devices

Back Button PA5750 Datasheet HTML 7Page - Protek Devices PA5750 Datasheet HTML 8Page - Protek Devices PA5750 Datasheet HTML 9Page - Protek Devices PA5750 Datasheet HTML 10Page - Protek Devices PA5750 Datasheet HTML 11Page - Protek Devices PA5750 Datasheet HTML 12Page - Protek Devices PA5750 Datasheet HTML 13Page - Protek Devices PA5750 Datasheet HTML 14Page - Protek Devices PA5750 Datasheet HTML 15Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
11
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.1.4. Register3 – ADC Power Management, Default 1111 1100
Bit Name
Bit
Description
PdnAINL
7
0 – normal.
1 – left analog input power down (default).
PdnAINR
6
0 – normal.
1 – right analog input power down(default).
PdnADCL
5
0 – left ADC power up.
1 – left ADC power down (default).
PdnADCR
4
0 – right ADC power up.
1 – right ADC power down (default).
PdnMICB
3
0 – microphone bias power on.
1 – microphone bias power down (high impedance output default).
PdnADCBiasgen
2
0 – normal.
1 – power down (default)
flashLP
1
0 – normal (default)
1 – flash ADC low power.
int1LP
0
0 – normal (default)
1 – int1 low power.
6.1.5. Register4 – DAC Power Management, Default 1100 0000
Bit Name
Bit
Description
PdnDACL
7
0 – left DAC power up.
1 – left DAC power down (default).
PdnDACR
6
0 – right DAC power up.
1 – right DAC power down(default).
LOUT1
5
0 – LOUT1 disabled (default).
1 – LOUT1 enabled.
ROUT1
4
0 – ROUT1 disabled (default).
1 – ROUT1 enabled.
LOUT2
3
0 – LOUT2 disabled (default).
1 – LOUT2 enabled.
ROUT2
2
0 – ROUT2 disabled (default).
1 – ROUT2 enabled.
MONO
1
0 – MOUT disabled (default).
1 – MOUT enabled.
OUT3
0
0 – OUT3 disabled (default).
1 – OUT3 enabled.
6.1.6. Register5 – Chip Low Power 1, Default 0000 0000
Bit Name
Bit
Description
LPDACL
7
0 – normal (default).
1 – low power.
LPDACR
6
0 – normal (default).
1 – low power.
LPLOUT1
5
0 – normal (default).
1 – low power.
LPROUT1
4
0 – normal (default).
1 – low power.
LPLOUT2
3
0 – normal (default).
1 – low power.
LPROUT2
2
0 – normal (default).
1 – low power.
LPMONO
1
0 – normal (default).
1 – low power.
LPOUT3
0
0 – normal (default).
1 – low power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com