Electronic Components Datasheet Search
  English  ▼

X  

PA5750 Datasheet(PDF) 13 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 13 Page - Protek Devices

Back Button PA5750 Datasheet HTML 9Page - Protek Devices PA5750 Datasheet HTML 10Page - Protek Devices PA5750 Datasheet HTML 11Page - Protek Devices PA5750 Datasheet HTML 12Page - Protek Devices PA5750 Datasheet HTML 13Page - Protek Devices PA5750 Datasheet HTML 14Page - Protek Devices PA5750 Datasheet HTML 15Page - Protek Devices PA5750 Datasheet HTML 16Page - Protek Devices PA5750 Datasheet HTML 17Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
13
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.2.2. Register10 – ADC Control 2, Default 0000 0000
Bit Name
Bit
Description
LINSEL
7:6
Left channel input select.
00 – LINPUT1 (default).
01 – LINPUT2
10 – LINPUT3
11 – L-R differential (either LINPUT1 – RINPUT1 or LINPUT2 – RINPUT2, selected by DS)
RINSEL
5:4
Right channel input select.
00 – RINPUT1 (default).
01 – RINPUT2
10 – RINPUT3
11 – L-R differential (either LINPUT1 – RINPUT1 or LINPUT2 – RINPUT2, selected by DS)
6.2.3. Register11 – ADC Control 3, Default 0000 0110
Bit Name
Bit
Description
DS
7
Differential Input Select
0 – LINPUT1 – RINPUT1 (default).
1 – LINPUT2 – RINPUT2.
LDCM
6
0 – normal (default)
1 – Left Channel used for DC Measuement
RDCM
5
0 – normal (default)
1 – Right Channel used for DC Measuement
MONOMIX
4:3
00 – stereo (default).
01 – analog mono mix to left ADC.
10 – analog mono mix to right ADC.
11 - reserved
TRI
2
0 – ASDOUT is ADC normal output (default).
1 – ASDOUT tri-stated, ALRCK, DLRCK and SCLK are inputs.
OC
1:0
00 – normal over current setting (default)
6.2.4. Register12 – ADC Control 4, Default 0000 0000
Bit Name
Bit
Description
DATSEL
7:6
00 - left DATA = left ADC, right DATA = right ADC
01 - left DATA = left ADC, right DATA = left ADC
10 - left DATA = right ADC, right DATA = right ADC
11 - left DATA = right ADC, right DATA = left ADC
ADCLRP
5
I2S, left justified or right justified mode:
0 – left and right normal polarity.
1 – left and right inverted polarity.
DSP/PCM mode:
0 – MSB is available on 2
nd BCLK rising edge after ALRCK rising edge
1 – MSB is available on 1
st BCLK rising edge after ALRCK rising edge
ADCWL
4:2
000 – 24-bit serial audio DATA word length.
001 – 20-bit serial audio DATA word length
010 – 18-bit serial audio DATA word length
011 – 16-bit serial audio DATA word length
100 – 32-bit serial audio DATA word length
ADCFORMAT
1:0
00 – I2C serial audio DATA format
01 – left justify serial audio DATA format
10 – right justify serial audio DATA format
11 – DSP/PCM mode serial audio DATA format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com