Electronic Components Datasheet Search
  English  ▼

X  

PA5750 Datasheet(PDF) 16 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 16 Page - Protek Devices

Back Button PA5750 Datasheet HTML 12Page - Protek Devices PA5750 Datasheet HTML 13Page - Protek Devices PA5750 Datasheet HTML 14Page - Protek Devices PA5750 Datasheet HTML 15Page - Protek Devices PA5750 Datasheet HTML 16Page - Protek Devices PA5750 Datasheet HTML 17Page - Protek Devices PA5750 Datasheet HTML 18Page - Protek Devices PA5750 Datasheet HTML 19Page - Protek Devices PA5750 Datasheet HTML 20Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
16
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.2.12. Register20 – ADC Control 12, Default 0011 0010
Bit Name
Bit
Description
ALCDCY
7:4
ALC decay (gain ramp up) time, ALC mode/limiter mode:
0000 – 410 µS/90.8 µS
0001 – 820 µS/182 µS
0010 – 1.64 mS/363 µS
………. time doubles with every step.
1001 – 210 mS/182 µS
1010 or higher – 420 mS
ALCATK
3:0
ALC attack (gain ramp down) time, ALC mode/limiter mode:
0000 – 104 µS/22 µS
0001 – 208 µS/45.4 µS
0010 – 416 µS/90 µS
……time doubles with every step
1001 – 53.2 mS/11.6 mS
1010 or higher – 106 mS/23.2 mS
6.2.13. Register21 – ADC Control 13, Default 0000 0110
Bit Name
Bit
Description
ALCMODE
7
Determines the ALC mode of operation:
0 – ALC mode (normal operation)
1 – limiter mode
ALCZC
6
ALC uses zero cross detection circuit.
0 – disable (recommended).
1 - enable
TIME_OUT
5
Zero Cross time out:
0 – disable (default)
1 – enable.
WIN_SIZE
4:0
window size for peak detector, ste the window size to N*16 samples:
00110 – 96 samples (default)
00111 – 102 samples
……
11111 – 496 samples
6.2.14. Register22 – ADC Control 14, Default 0000 0000
Bit Name
Bit
Description
NGTH
7:3
Noise gate threshold:
00000 – -76.5dBFS.
00001 - -75dBFS.
……
11110 - -31.5dBFS.
11111 - -30dBFS.
NGG
2:1
Noise gate type.
x0 – PGA gain held constant.
01 – mute ADC output.
11 – reserved.
NGAT
0
Zero Cross time out:
0 – disable (default)
1 – enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com