Electronic Components Datasheet Search
  English  ▼

X  

PA5750 Datasheet(PDF) 29 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 29 Page - Protek Devices

Back Button PA5750 Datasheet HTML 22Page - Protek Devices PA5750 Datasheet HTML 23Page - Protek Devices PA5750 Datasheet HTML 24Page - Protek Devices PA5750 Datasheet HTML 25Page - Protek Devices PA5750 Datasheet HTML 26Page - Protek Devices PA5750 Datasheet HTML 27Page - Protek Devices PA5750 Datasheet HTML 28Page - Protek Devices PA5750 Datasheet HTML 29Page - Protek Devices PA5750 Datasheet HTML 30Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
29
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
8.7. Serial Control Port Switching Specifications
PARAMETER
Symbol
MIN
MAX
UNIT
SPI Mode
SPI_CLK frequency
10
MHz
SPI_CLK edge to SPI_CSn falling
TSPICS
5
nS
SPI_CSn High time between transmissions
TSPISH
500
nS
SPI_CSn trailing to SPI_CLK edge
TSPISC
10
nS
SPI_CLK low time
TSPICL
45
nS
SPI_CLK high time
TSPICH
45
nS
SPI_DIN to SPI_CLK rise setup time
TSPIDS
10
nS
SPI_CLK rise to DATA hold time
TSPIDH
15
nS
2-Wire Mode
SCL clock frequency
FSCL
100
kHz
BUS free time between transmissions
TTWID
4.7
µS
Start condition hold time
TTWSSTH
4.0
µS
Clock low time
TTWCL
4.0
µS
Clock high time
TTWCH
4.0
µS
Setup time for repeated start condition
TTWSTS
4.7
µS
SDA hold time from SCL falling
TTWDH
0.1
µS
SDA setup time to SCL rising
TTWDS
100
nS
Rise time of SCL
TTWR
25
µS
Fall time of SCL
TTWF
25
µS
Fig.9 Serial Control Port SPI Timing
Fig.10 Serial Control Port 2-wire Timing
TSPICS
TSPISC
TSPIDH
TSPID
TSPIS
TSPIC
TSPIC
SPI_DIN
SPI_CLK
SPI_CSn
TTWSTS
TTWSTH
TTWCH
TTWCL
TTWDH
TTWDS
TTWF
TTWR
TTWD
S
P
S
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com