Electronic Components Datasheet Search
  English  ▼

X  

PA5750 Datasheet(PDF) 18 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 18 Page - Protek Devices

Back Button PA5750 Datasheet HTML 14Page - Protek Devices PA5750 Datasheet HTML 15Page - Protek Devices PA5750 Datasheet HTML 16Page - Protek Devices PA5750 Datasheet HTML 17Page - Protek Devices PA5750 Datasheet HTML 18Page - Protek Devices PA5750 Datasheet HTML 19Page - Protek Devices PA5750 Datasheet HTML 20Page - Protek Devices PA5750 Datasheet HTML 21Page - Protek Devices PA5750 Datasheet HTML 22Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
18
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.3.4. Register26 – DAC Control 4, Default 1100 0000
Bit Name
Bit
Description
LDACVOL
7:0
Digital volume control attenuates the signal in 0.5dB increments from 0 to -96dB
00000000 – 0dB.
00000001 – -0.5dB
00000010 - -1dB
……………….
11000000 - -96dB (default).
6.3.5. Register27 – DAC Control 5, Default 1100 0000
Bit Name
Bit
Description
RDACVOL
7:0
Digital volume control attenuates the signal in 0.5dB increments from 0 to -96dB
00000000 – 0dB.
00000001 – -0.5dB
00000010 - -1dB
……………….
11000000 - -96dB (default).
6.3.6. Register28 – DAC Control 6, Default 0000 1000
Bit Name
Bit
Description
DeemphasisMode
(DEEMP)
7:6
00 – de-emphasis frequency disabled (default)
01 – 32 kHz de-emphasis frequency in single speed mode.
10 – 44 kHz de-emphasis frequency in single speed mode.
11 – 48 kHz de-emphasis frequency in single speed mode.
DAC_invL
5
0 – normal DAC left channel output no phase inversion (default)
1 – normal DAC left channel output 180° phase inversion.
DAC_invR
4
0 – normal DAC right channel output no phase inversion (default)
1 – normal DAC right channel output 180° phase inversion.
ClickFree
3
0 – disable digital click free power up and down.
1 – enable digital click free power up and down (default).
6.3.7. Register29 – DAC Control 7, Default 0000 0110
Bit Name
Bit
Description
ZeroL
7
0 – normal (default)
1 – set Left Channel DAC output all zero.
ZeroR
6
0 – normal (default)
1 – set Right Channel DAC output all zero.
Mono
5
0 – normal (default)
1 – mono (L+RE)/2 into DACL and DACR.
SE_Strength
4:2
SE Strength, total 8 settings, L=L+(L-R)*a, R=R+(R-L)*a, where a is from 0 to 7/8
000 – 0 (default)
…….
111 – 7/8
Vpp_scale
1:0
00 – Vpp set at 3.5V (0.7 modulation index) (default).
01 – Vpp set at 4.0V
10 – Vpp set at 3.0V
11 – Vpp set at 2.5V
6.3.8. Register30 – DAC Control 8, Default 0001 1111
Bit Name
Bit
Description
Shelving_a[29:24]
5:0
30-bit a coefficient for shelving filter
Default value is {5’h0f, 5’h1f, 5’h0f, 5’h1f, 5’h0f, 5’h1f}.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com