Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RL78 Datasheet HTML 1Page - Renesas Technology Corp RL78 Datasheet HTML 2Page - Renesas Technology Corp RL78 Datasheet HTML 3Page - Renesas Technology Corp RL78 Datasheet HTML 4Page - Renesas Technology Corp RL78 Datasheet HTML 5Page - Renesas Technology Corp RL78 Datasheet HTML 6Page - Renesas Technology Corp RL78 Datasheet HTML 7Page - Renesas Technology Corp RL78 Datasheet HTML 8Page - Renesas Technology Corp RL78 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 4 of 97
Feb 21, 2012
(2/2)
Pin count
Package
Part Number
64 pins
64-pin plastic LQFP (12 × 12)
R5F104LCAFA, R5F104LDAFA, R5F104LEAFA, R5F104LFAFA,
R5F104LGAFA, R5F104LHAFA, R5F104LJAFA
R5F104LCDFA, R5F104LDDFA, R5F104LEDFA, R5F104LFDFA,
R5F104LGDFA, R5F104LHDFA, R5F104LJDFA
64-pin plastic LQFP (fine pitch) (10 × 10)
R5F104LCAFB, R5F104LDAFB, R5F104LEAFB, R5F104LFAFB,
R5F104LGAFB, R5F104LHAFB, R5F104LJAFB
R5F104LCDFB, R5F104LDDFB, R5F104LEDFB, R5F104LFDFB,
R5F104LGDFB, R5F104LHDFB, R5F104LJDFB
64-pin plastic FLGA (5 × 5)
R5F104LCALA, R5F104LDALA, R5F104LEALA, R5F104LFALA,
R5F104LGALA, R5F104LHALA, R5F104LJALA
R5F104LCDLA, R5F104LDDLA, R5F104LEDLA, R5F104LFDLA,
R5F104LGDLA, R5F104LHDLA, R5F104LJDLA
64-pin plastic LQFP (14 × 14)
R5F104LCAFP, R5F104LDAFP, R5F104LEAFP, R5F104LFAFP,
R5F104LGAFP, R5F104LHAFP, R5F104LJAFP
R5F104LCDFP, R5F104LDDFP, R5F104LEDFP, R5F104LFDFP,
R5F104LGDFP, R5F104LHDFP, R5F104LJDFP
80 pins
80-pin plastic LQFP (fine pitch) (12 × 12)
R5F104MFAFB, R5F104MGAFB, R5F104MHAFB, R5F104MJAFB
R5F104MFDFB, R5F104MGDFB, R5F104MHDFB, R5F104MJDFB
80-pin plastic LQFP (14 × 14)
R5F104MFAFA, R5F104MGAFA, R5F104MHAFA, R5F104MJAFA
R5F104MFDFA, R5F104MGDFA, R5F104MHDFA, R5F104MJDFA
100 pins
100-pin plastic LQFP (fine pitch) (14 × 14) R5F104PFAFB, R5F104PGAFB, R5F104PHAFB, R5F104PJAFB
R5F104PFDFB, R5F104PGDFB, R5F104PHDFB, R5F104PJDFB
100-pin plastic LQFP (14 × 20)
R5F104PFAFA, R5F104PGAFA, R5F104PHAFA, R5F104PJAFA
R5F104PFDFA, R5F104PGDFA, R5F104PHDFA, R5F104PJDFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com