Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 58Page - Renesas Technology Corp RL78 Datasheet HTML 59Page - Renesas Technology Corp RL78 Datasheet HTML 60Page - Renesas Technology Corp RL78 Datasheet HTML 61Page - Renesas Technology Corp RL78 Datasheet HTML 62Page - Renesas Technology Corp RL78 Datasheet HTML 63Page - Renesas Technology Corp RL78 Datasheet HTML 64Page - Renesas Technology Corp RL78 Datasheet HTML 65Page - Renesas Technology Corp RL78 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 62 of 97
Feb 21, 2012
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TO00 to TO03, TO10 to T13
output frequency
fTO
High-speed main mode
4.0 V
 EVDD0  5.5 V
16
MHz
2.7 V
 EVDD0 < 4.0 V
8
MHz
1.8 V
 EVDD0 < 2.7 V
4
MHz
1.6 V
 EVDD0 < 1.8 V
2
MHz
Low voltage main mode
1.6 V
 EVDD0  5.5 V
2
MHz
Low-speed main mode
1.8 V
 EVDD0  5.5 V
4
MHz
1.6 V
 EVDD0 < 1.8 V
2
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
High-speed main mode
4.0 V
 EVDD0  5.5 V
16
MHz
2.7 V
 EVDD0 < 4.0 V
8
MHz
1.8 V
 EVDD0 < 2.7 V
4
MHz
1.6 V
 EVDD0 < 1.8 V
2
MHz
Low voltage main mode
1.8 V
 EVDD0  5.5 V
4
MHz
1.6 V
 EVDD0 < 1.8 V
2
MHz
Low-speed main mode
1.8 V
 EVDD0  5.5 V
4
MHz
1.6 V
 EVDD0 < 1.8 V
2
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0
1.6 V
 VDD  5.5 V
1
s
INTP1 to INTP11
1.6 V
 EVDD0  5.5 V
1
s
Key interrupt input low-level
width
tKR
1.8 V
 EVDD0  5.5 V
250
ns
1.6 V
 EVDD0 < 1.8 V
1
s
RESET low-level width
tRSL
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com