Electronic Components Datasheet Search
  English  ▼

X  

TLE4699 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4699 Datasheet HTML 1Page - Infineon Technologies AG TLE4699 Datasheet HTML 2Page - Infineon Technologies AG TLE4699 Datasheet HTML 3Page - Infineon Technologies AG TLE4699 Datasheet HTML 4Page - Infineon Technologies AG TLE4699 Datasheet HTML 5Page - Infineon Technologies AG TLE4699 Datasheet HTML 6Page - Infineon Technologies AG TLE4699 Datasheet HTML 7Page - Infineon Technologies AG TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Type
Package
Marking
TLE4699GM
PG-DSO-14
TLE4699
TLE4699E
PG-SSOP-14 EP
TLE4699
PG-DSO-14
PG-SSOP-14 EP
Data Sheet
3
Rev. 1.0, 2010-11-30
Low Drop Out Linear Voltage Regulator
5 V Fixed Output Voltage
TLE4699
1Overview
Features
•
Output Voltage 5 V
± 2%
•
Current Capability 200 mA
•
Ultra Low Current Consumption
•
Very Low Drop Out Voltage
•
Enable Function: Below 1µA Current Consumption in off mode
•
Reset Circuit Sensing the Output Voltage
with Programmable Switching Threshold and Delay Time
•
Reset Output Active Low Down to
V
Q = 1 V
•
Integrated Early Warning Comparator
•
Excellent Line Transient Robustness
•
Maximum Input Voltage -42 V
≤ V
I ≤ +45 V
•
Reverse Polarity Protection
•
Short Circuit Protected
•
Overtemperature Shutdown
•
Automotive Temperature Range -40
°C ≤ T
j ≤ 150 °C
•
Available in a small thermally enhanced PG-SSOP-14 EP package
•
Green Product (RoHS Compliant)
•
AEC Qualified
Description
The TLE4699 is a monolithic integrated low drop out fixed output voltage
regulator for loads up to 200 mA. An input voltage of up to 45 V is regulated to an output voltage of 5 V. The
integrated reset as well as several protection circuits, combined with a wide operating temperature range offered
by the TLE4699 make it suitable for supplying microprocessor systems in automotive environments.
The early warning function supervises the voltage at pin SI. Modifying the reset threshold is possible by an optional
resistor divider.
The TLE4699 is available in a PG-DSO-14 package which makes it pin-compatible to the TLE4299 as well as in
a small thermally enhanced PG-SSOP-14 EP exposed pad package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com