Electronic Components Datasheet Search
  English  ▼

X  

TLE4699 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 5Page - Infineon Technologies AG TLE4699 Datasheet HTML 6Page - Infineon Technologies AG TLE4699 Datasheet HTML 7Page - Infineon Technologies AG TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG TLE4699 Datasheet HTML 10Page - Infineon Technologies AG TLE4699 Datasheet HTML 11Page - Infineon Technologies AG TLE4699 Datasheet HTML 12Page - Infineon Technologies AG TLE4699 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLE4699
General Product Characteristics
Data Sheet
9
Rev. 1.0, 2010-11-30
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltage Rating
4.1.1
Regulator Input and IC
Supply I
V
I
-42
45
V
–
4.1.2
Enable Input EN
V
EN
-42
45
V
–
4.1.3
Sense Input SI
V
SI
-42
45
V
–
4.1.4
Regulator Output Q
V
Q
-1
7
V
–
4.1.5
Sense Output SO
V
WI
-0.3
7
V
–
4.1.6
Reset Output RO
V
RO
-0.3
7
V
–
4.1.7
Reset Delay D
V
D
-0.3
7
V
–
4.1.8
Reset Switching Threshold
Adjust RADJ
V
RADJ
-0.3
7
V
–
Temperatures
4.1.9
Junction Temperature
T
j
-40
150
°C–
4.1.10
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.11
ESD Resistivity
V
ESD
-4
4
kV
HBM 2)
2) ESD susceptibility, Human Body Model “HBM” according to AEC-Q100-002-JESD 22-A114.
4.1.12
ESD Resistivity
V
ESD
-1500
1500
V
CDM 3)
3) ESD susceptibility, Charged Device Model “CDM” according to ESDA STM5.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com