Electronic Components Datasheet Search
  English  ▼

X  

TLE4699 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 3Page - Infineon Technologies AG TLE4699 Datasheet HTML 4Page - Infineon Technologies AG TLE4699 Datasheet HTML 5Page - Infineon Technologies AG TLE4699 Datasheet HTML 6Page - Infineon Technologies AG TLE4699 Datasheet HTML 7Page - Infineon Technologies AG TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG TLE4699 Datasheet HTML 10Page - Infineon Technologies AG TLE4699 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLE4699
Pin Configuration
Data Sheet
7
Rev. 1.0, 2010-11-30
3.3
Pin Assignment TLE4699E
Figure 3
Pin Configuration PG-SSOP-14 EP Package (top view)
3.4
Pin Definitions and Functions TLE4699E (PG-SSOP-14 EP
)
Pin
Symbol
Function
1
RADJ
Reset Threshold Adjust
Connect an external voltage divider to adjust reset threshold;
Connect to GND for using internal threshold.
3D
Reset Delay
Connect a ceramic capacitor from D (Pin 3) to GND for reset delay time adjustment;
Leave open, if the reset function is not needed.
4
GND
Ground
Connect to heat sink area.
5EN
Enable
High signal enables the regulator;
Low signal disables the regulator;
Connect to I if the enable function is not needed
7RO
Reset Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the reset function is not needed.
8SO
Sense Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the sense function is not needed.
11
Q
5 V Regulator Output
Connect a capacitor between Q (Pin 11) and GND close to the IC pins, respecting the
values given for its capacitance CQ and ESR in the table Chapter 4.2 Functional Range.
13
I
Regulator Input and IC Supply
For compensating line influences, a capacitor to GND close to the IC pin is
recommended.
14
SI
Sense Input
Connect the voltage rail to be monitored;
Connect to Q if the sense comparator is not needed.
SI
SO
n.c.
n.c.
Q
n.c.
I
RADJ
RO
n.c.
EN
GND
D
n.c.
1
2
3
4
5
6
7
14
9
10
11
12
13
8
PINCONFIG_SSOP-14.VSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com