Electronic Components Datasheet Search
  English  ▼

X  

TLE4699 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 6Page - Infineon Technologies AG TLE4699 Datasheet HTML 7Page - Infineon Technologies AG TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG TLE4699 Datasheet HTML 10Page - Infineon Technologies AG TLE4699 Datasheet HTML 11Page - Infineon Technologies AG TLE4699 Datasheet HTML 12Page - Infineon Technologies AG TLE4699 Datasheet HTML 13Page - Infineon Technologies AG TLE4699 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
10
Rev. 1.0, 2010-11-30
TLE4699
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input Voltage Range
for Normal Operation
V
I(nor)
V
Q + Vdr
45
V
1)
1) For specification of the input voltage
V
Q and the drop out voltage Vdr see Chapter 5 Voltage Regulator.
4.2.2
Extended Input
Voltage Range
V
I(ext)
3.3
45
V
2)
2) The output voltage VQ will follow the input voltage, but is outside the specified range.
For details see Chapter 5 Voltage Regulator.
4.2.3
Input Voltage
Transient Immunity
d
V
I/dt
-10
20
V/µs
d
V
I ≤ 10 V; VI > 9 V;
No trigger of RO.3)
3) Transient measured directly at the input pin. Not subject to production test, specified by design.
4.2.4
Junction Temperature
T
j
-40
150
°C–
4.2.5
Output Capacitor
Requirements
C
Q
10
–
µF
–4)
4) Not subject of production test, specified by design.
The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
4.2.6
ESR
CQ
–3
Ω
–5)
5) Relevant ESR value at
f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com