Electronic Components Datasheet Search
  English  ▼

X  

TLE4699 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG TLE4699 Datasheet HTML 10Page - Infineon Technologies AG TLE4699 Datasheet HTML 11Page - Infineon Technologies AG TLE4699 Datasheet HTML 12Page - Infineon Technologies AG TLE4699 Datasheet HTML 13Page - Infineon Technologies AG TLE4699 Datasheet HTML 14Page - Infineon Technologies AG TLE4699 Datasheet HTML 15Page - Infineon Technologies AG TLE4699 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
12
Rev. 1.0, 2010-11-30
TLE4699
Voltage Regulator
5
Voltage Regulator
5.1
Description Voltage Regulator
The output voltage
V
Q is controlled by comparing a portion of it to an internal reference and driving a PNP pass
transistor accordingly. Saturation control as a function of the load current prevents any oversaturation of the pass
element. The control loop stability depends on the output capacitor
C
Q, the load current, the chip temperature and
the poles/zeros introduced by the integrated circuit. To ensure stable operation, the output capacitor’s capacitance
and its equivalent series resistor ESR requirements given in the table ““Functional Range” on Page 10 have to
be maintained. For details see also the typical performance graph “Output Capacitor Series Resistor
ESR
CQ vs.
Output Current
I
Q”. Also, the output capacitor shall be sized to buffer load transients.
An input capacitor
C
I is not needed for the control loop stability, but recommended to buffer line influences.
Connect the capacitors close to the IC terminals.
Protection circuitry prevent the IC as well as the application from destruction in case of catastrophic events. These
safeguards contain output current limitation, reverse polarity protection as well as thermal shutdown in case of
overtemperature.
In order to avoid excessive power dissipation that could never be handled by the pass element and the package,
the maximum output current is decreased at input voltages above
V
I =22V.
The thermal shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g. output
continuously short-circuited) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to an oscillatory behavior of the output voltage until the fault is removed. However, a junction
temperature above 150
°C is outside the maximum rating and therefore reduces the IC lifetime.
The TLE4699 allows a negative supply voltage. However, several small currents are flowing into the IC increasing
its junction temperature. This has to be considered for the thermal design, respecting that the thermal protection
circuit is not operating during reverse polarity condition.
Figure 4
Block Diagram Voltage Regulator Circuit
Figure 5
Output Voltage vs. Input Voltage
Bandgap
Reference
GND
Q
I
BlockDiagram _VoltageRegulator .vsd
Saturation Control
Current Limitation
Temperature
Shutdown
CQ
LOAD
Supply
CI
Regulated
Output Voltage
IQ
I
I
VQ
+
VI
+
V
t
Diagram_Output-InputVoltage.svg
V
Q,nom
V
I
V
dr
V
Q
d
V
Q
d
t
I
load
CQ
d
V
Q
d
t
≈
I
Q,max -
I
load
CQ
≈
V
I(ext),min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com