Electronic Components Datasheet Search
  English  ▼

X  

FEF4065 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # FEF4065
Description  High Voltage Subscriber Line IC HV-SLIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEF4065 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  FEF4065 Datasheet HTML 1Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 2Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 3Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 4Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 5Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 6Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 7Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 8Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ICs for Communications
High Voltage Subscriber Line IC
HV-SLIC
PEB/F 4065 Version 3.0
Data Sheet 03.98
DS 1


Similar Part No. - FEF4065

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEF SCHURTER-FEF Datasheet
416Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
348Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
330Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
More results

Similar Description - FEF4065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
SLIC Subscriber Line Interface Circuit
June 1997
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Siemens Semiconductor G...
PEB4065 SIEMENS-PEB4065 Datasheet
237Kb / 29P
High Voltage Subscriber Line IC
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com