Electronic Components Datasheet Search
  English  ▼

X  

FEF4065 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # FEF4065
Description  High Voltage Subscriber Line IC HV-SLIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEF4065 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button FEF4065 Datasheet HTML 9Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 10Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 11Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 12Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 13Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 14Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 15Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 16Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
13
1998-03-01
2.4
Electrical Parameters
Min/max values are valid within the full operating range. If PEB- and PEF-specifications
are different, both values can be found in the respective column.
Testing is performed according to the test figures with external circuitry as depicted in
Figure 4. Unless otherwise stated, load impedance
R
L = 600 Ω. Test temperatures are
25 and 70
°C for PEB, – 40, 25 and 85 °C for PEF-type (without heatsink). DC line
voltages refer to
V
BAT = – 70 V and VH =+ 60 V.
Table 6
Supply Currents and Power Dissipation
No.
Parameter
Symbol
Mode
Limit Values
Unit Test
Fig.
min. typ.
max.
PEB/PEF
Power Denial
1.
V
DD current
I
DD
PDNH,
PDNR
–
50
120/150
µA
1
2.
V
SS current
I
SS
PDNH
PDNR
–50
150
120/150
250/300
µA
1
3.
V
BAT current
I
BAT
PDNH
PDNR
–10
50
30
120
µA
1
4.
V
H current
I
H
PDNH,
PDNR
–1
10
µA
1
Power Down
V
2W =– 0.5 V
1)
5.
V
DD current
I
DD
PD
–0.5
1.0
mA
1
6.
V
SS current
I
SS
PD
–
0.3
0.4
mA
1
7.
V
BAT current
I
BAT
PD
–
3.3
4.3/4.4
mA
1
8.
V
H current
I
H
PD
–
1
10
µA
1
9.
Quiescent power
dissipation
P
Q
PD
–
–
315
mW 1
Conversation, Normal and Reverse Polarity
V
2W =– 0.5 V
1)
10.
V
DD current
I
DD
CONV
–
0.8
1.0/1.1
mA
1
11.
V
SS current
I
SS
CONV
–
0.4
0.5/0.6
mA
1
12.
V
BAT current
I
BAT
CONV
–
4.0
5.8/5.9
mA
1
13.
V
H current
I
H
CONV
–
1
10
µA
1
14.
Quiescent power
dissipation
P
Q
CONV
–
–
420
mW 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com