Electronic Components Datasheet Search
  English  ▼

X  

FEF4065 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # FEF4065
Description  High Voltage Subscriber Line IC HV-SLIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEF4065 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button FEF4065 Datasheet HTML 17Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 18Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 19Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 20Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 21Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 22Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 23Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 24Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
21
1998-03-01
Note: Exceeding the min./max. limits can cause stability problems!
Table 9
External Elements in the Application Circuit (Figure 5)
Typical values are used in the test circuits, unless otherwise specified.
Ext. Part
Function
Typ. Value Tolerance
Limit Values
Comment
min.
max.
R
1
Biasing,
current
reference
25 k
Ω
––
50 k
Ω
power
dissipation
increases with
smaller
R
1
R
2, R3
I
T, IL gain
adjustment
1k
Ω
0.1% (rel.) –
–
clipping for
I
T × R2 >3 V
or
I
L × R3 >3 V
R
S
Protection,
isolation of
capacitive
load
50
Ω
0.1% (rel.) 30
Ω
––
R
5, R6
Protection
50
Ω
0.1% (rel.) –
–
–
C
1
C for the
internal
supply
voltage filter
22
µF
(
f
3dB ≈
3Hz)
20%
10 nF
–
f
3dB
increases
with smaller
C
1,
causing worse
low frequency
PSRR from
V
BAT
C
S
Suppression
of voltage
spikes,
frequency
compensation
15 nF
5% (rel.)
200 pF 20 nF
–
C
2, C3
V
DD, VSS
supply
voltage
blocking
1
µF
20%
10 nF
–
C
2, C3 >1 µF
and
C
4 ≈ C5
allows arbitrary
switching
sequence of all
supply voltages
incl.
C
4
V
H blocking
100 nF
–
–
–
C
5
V
BAT blocking
100 nF
20%
100 nF –
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com