Electronic Components Datasheet Search
  English  ▼

X  

FEF4065 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # FEF4065
Description  High Voltage Subscriber Line IC HV-SLIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEF4065 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  FEF4065 Datasheet HTML 1Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 2Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 3Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 4Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 5Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 6Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 7Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 8Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
P-DSO-20-5
Semiconductor Group
4
1998-03-01
High Voltage Subscriber Line IC
HV-SLIC
PEB/F 4065
Version 1.1
SPT
Type
Ordering Code
Package
PEB/F 4065
on request
P-DSO-20-5
1
Overview
The High Voltage Subscriber Line IC PEB 4065 is a
rugged and reliable interface between the telephone
line and the SLICOFI, a low voltage Subscriber Line
Interface and Codec Filter IC. It is fabricated in a Smart
Power Technology offering a breakthrough voltage of
at least 170 V.
The PEB 4065 provides battery feeding between
– 24 V and – 80 V and internal ringing injection with a
differential ring voltage up to 85 Vrms. In order to
achieve these high amplitudes an auxiliary positive battery voltage is used during
ringing. This voltage can also be applied in order to drive very long telephone lines.
The SLIC is designed for a voltage feeding – current sensing line interface concept and
provides sensing of transversal and longitudinal current on both wires.
A power-down mode offers reduced power consumption at full functionality; in the power
denial mode the device is switched off turning the line outputs to a high impedance state.
1.1
Features
• High voltage line feeding
• Internal ring and metering signal injection
• Sensing of transversal and longitudinal line current
• Reliable 170 V Smart Power Technology
• Battery voltage – 24 V … – 80 V
• Boosted battery mode for long telephone lines
and up to 85 Vrms balanced ringing
• Polarity reversal
• Small P-DSO-20-5 power package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com