Electronic Components Datasheet Search
  English  ▼

X  

FEF4065 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part # FEF4065
Description  High Voltage Subscriber Line IC HV-SLIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEF4065 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button FEF4065 Datasheet HTML 14Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 15Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 16Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 17Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 18Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 19Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 20Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 21Page - Siemens Semiconductor Group FEF4065 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
18
1998-03-01
2.5
AC-Characteristics
(Normal and reverse polarity unless otherwise stated)
Table 8
No. Parameter
Symbol Mode
Limit Values
Unit
Test
Fig.
Test Condition
min.
typ.
max.
PEB/
PEF
Line Termination TIP, RING
57.
Receive gain
Gr
CONV,
BB
31.92
32.04
32.16
dB
4
V
2W,AC =50 mVrms
f = 1015 Hz
I
ab =20 mA
58.
CONV 31.88
32.04
32.2
dB
I
ab =50 mA
59. Gain flatness
(guaranteed
by design)
dGr
CONV,
BB
– 0.05 –
0.05
dB
–
300 Hz <
f < 3400 Hz
V
2W,AC =50 mVrms
60. Gain tracking
(guaranteed
by design)
dGr
CONV – 0.2
–
0.2
dB
–
3 dBm0 >
V
ab >
–20dBm0
f = 1015 Hz
61. Total
harmonic
distortion
V
ab
THD
CONV –
–
0.3
%
4
V
2W,AC =50 mVrms
f = 1015 Hz
I
ab =20 mA
62.
Teletax
distortion
THDTTX CONV
––
3
%
5
f =16 kHz
R
L = 200 Ω
I
ab =50 mA
V
ab,AC =2 Vrms
63.
–
–
3
%
V
ab,AC =5 Vrms
I
ab =0 mA,
V
ab =55 V
64.
–
–
5
%
V
ab,AC =2 Vrms
65. Psophometric
noise
N
P, Vab
CONV –
–
– 75
dBmp 4
I
ab =30 mA
66. Longitudinal
to transversal
rejection ratio
V
long/Vab
LTRR
CONV 61/58
–
–
dB
6
V
long =3 Vrms
300 Hz <
f <3.4 kHz
I
ab =30 mA
67. Transversal
to
longitudinal
rejection ratio
V
ab/Vlong
TLRR
CONV 50
–
–
dB
7
V
2W,AC = 150 mVrms
300 Hz <
f <3.4 kHz
I
ab =30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com