Electronic Components Datasheet Search
  English  ▼

X  

LTC5591 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 4Page - Linear Technology LTC5591 Datasheet HTML 5Page - Linear Technology LTC5591 Datasheet HTML 6Page - Linear Technology LTC5591 Datasheet HTML 7Page - Linear Technology LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology LTC5591 Datasheet HTML 10Page - Linear Technology LTC5591 Datasheet HTML 11Page - Linear Technology LTC5591 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC5592
8
5592f
TYPICAL AC PERFORMANCE CHARACTERISTICS
Conversion Gain and IIP3 vs
RF Frequency
SSB NF vs RF Frequency
Channel Isolation vs RF Frequency
1750MHz Conversion Gain, IIP3
and NF vs LO Power
1950MHz Conversion Gain, IIP3
and NF vs LO Power
2150MHz Conversion Gain, IIP3
and NF vs LO Power
High Side LO
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests,
Δf = 2MHz), IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and NF vs
Supply Voltage (Single Supply)
Conversion Gain, IIP3 and NF vs
Supply Voltage (Dual Supply)
Conversion Gain, IIP3 and
RF Input P1dB vs Temperature
RF FREQUENCY (MHz)
1600
8
6
10
12
16
18
20
26
28
24
22
1700
1900
5592 G28
14
6
7
8
10
11
12
15
16
17
14
13
9
1800
2000 2100
2300
2200
IIP3
GC
–40°C
25°C
85°C
105°C
LO INPUT POWER (dBm)
–6
–4
0
5592 G31
6
14
12
10
8
20
18
16
22
26
28
24
0
4
2
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
GC
NF
LO INPUT POWER (dBm)
–6
–4
0
5592 G32
6
10
8
14
12
16
18
24
26
28
22
20
0
2
4
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
GC
NF
LO INPUT POWER (dBm)
–6
–4
0
5592 G33
6
12
10
8
16
14
18
22
20
26
28
24
0
2
4
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
NF
GC
VCC, VCCIF SUPPLY VOLTAGE (V)
3
3.1
3.2
5592 G34
6
8
10
12
16
14
18
26
24
28
22
20
0
2
8
6
4
12
10
18
20
22
IIP3
16
14
3.3
3.4
3.5
3.6
–40°C
25°C
85°C
GC
NF
VCC = VCCIF
RF = 1950MHz
VCCIF SUPPLY VOLTAGE (V)
3
3.5
5592 G35
6
10
8
14
12
16
18
26
24
28
20
22
0
2
6
4
8
12
10
20
18
22
IIP3
16
14
4
4.5
5
5.5
–40°C
25°C
85°C
NF
GC
VCC = 3.3V
RF = 1950MHz
CASE TEMPERATURE (°C)
–40
–10
5592 G36
6
8
12
10
14
18
16
26
24
28
20
22
IIP3
20
50
80
110
VCCIF = 3.3V
VCCIF = 5V
GC
P1dB
RF = 1950MHz
RF FREQUENCY (MHz)
1600 1700
1900
5592 G29
6
7
8
10
11
12
15
16
14
13
9
1800
2000 2100
2300
2200
–40°C
25°C
85°C
105°C
RF FREQUENCY (MHz)
1600 1700
1900
5592 G30
35
40
50
55
70
65
60
45
1800
2000 2100
2300
2200
–40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com