Electronic Components Datasheet Search
  English  ▼

X  

LTC5591 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 5Page - Linear Technology LTC5591 Datasheet HTML 6Page - Linear Technology LTC5591 Datasheet HTML 7Page - Linear Technology LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology LTC5591 Datasheet HTML 10Page - Linear Technology LTC5591 Datasheet HTML 11Page - Linear Technology LTC5591 Datasheet HTML 12Page - Linear Technology LTC5591 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC5592
9
5592f
TYPICAL DC PERFORMANCE CHARACTERISTICS
VCC Supply Current vs Supply
Voltage (Mixer + LO Amplifier)
VCCIF Supply Current vs
Supply Voltage (IF Amplifier)
Total Supply Current vs
Temperature (VCC + VCCIF)
VCC Supply Current vs Supply
Voltage (Mixer + LO Amplifier)
VCCIF Supply Current vs Supply
Voltage (IF Amplifier)
Total Supply Current vs
Temperature (VCC + VCCIF)
ISEL = High, ENA = ENB = High, test circuit shown in Figure 1.
ISEL = Low, ENA = ENB = High, test circuit shown in Figure 1.
VCC SUPPLY VOLTAGE (V)
3
3.1
5592 G37
190
192
194
198
200
202
204
196
206
3.2
3.3
3.4
3.5
3.6
105°C
85°C
25°C
–40°C
VCCIF = VCC
VCCIF SUPPLY VOLTAGE (V)
3
3.3
5592 G38
130
150
170
190
210
230
250
270
3.6
3.9
4.2
4.5
4.8
5.1
5.4
VCC = 3.3V
105°C
85°C
25°C
–40°C
CASE TEMPERATURE (°C)
–40
–10
5592 G39
280
300
320
340
360
440
420
400
380
460
480
20
50
80
110
VCC = 3.3V, VCCIF = 5V
(DUAL SUPPLY)
VCC = VCCIF = 3.3V
(SINGLE SUPPLY)
VCC SUPPLY VOLTAGE (V)
3
3.1
5592 G40
124
126
128
130
132
134
136
3.2
3.3
3.4
3.5
3.6
105°C
85°C
25°C
–40°C
VCCIF = VCC
CASE TEMPERATURE (°C)
–40
–10
5592 G42
210
250
240
230
220
260
280
270
290
300
20
50
80
110
VCC = 3.3V, VCCIF = 5V
(DUAL SUPPLY)
VCC = VCCIF = 3.3V
(SINGLE SUPPLY)
VCCIF SUPPLY VOLTAGE (V)
3
3.3
5592 G41
80
110
100
90
130
120
140
160
150
170
3.6
3.9
4.2
4.5
4.8
5.1
5.4
VCC = 3.3V
105°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com