Electronic Components Datasheet Search
  English  ▼

X  

LTC5591 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology LTC5591 Datasheet HTML 10Page - Linear Technology LTC5591 Datasheet HTML 11Page - Linear Technology LTC5591 Datasheet HTML 12Page - Linear Technology LTC5591 Datasheet HTML 13Page - Linear Technology LTC5591 Datasheet HTML 14Page - Linear Technology LTC5591 Datasheet HTML 15Page - Linear Technology LTC5591 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC5592
12
5592f
TEST CIRCUIT
L1, L2 vs IF FREQUENCIES
IF (MHz)
L1, L2 (nH)
140
270
190
150
240
100
300
56
380
33
450
22
REF DES
VALUE
SIZE
VENDOR
C1A, C1B
22pF
0402
AVX
C2
2.2pF
0402
AVX
C3A, C3B
C5A, C5B
22pF
0402
AVX
C4, C6
1μF
0603
AVX
C7A, C7B
1000pF
0402
AVX
C8A, C8B
4.7pF
0402
AVX
L1A, L1B
L2A, L2B
150nH
0603
Coilcraft
T1A, T1B
TC4-1W-7ALN+
Mini-Circuits
Figure 1. Standard Downmixer Test Circuit Schematic (190MHz IF)
RF
GND
GND
BIAS
DC1710A
EVALUATION BOARD
STACK-UP
(NELCO N4000-13)
0.015”
0.015”
0.062”
4:1
T1A
IFA
50Ω
C7A
L2A
L1A
C5A
C6
C3A
C4
LTC5592
25
GND
1
19
20
21
22
23
24
12
11
10
9
8
7
LO
50Ω
17
18
16
15
14
C2
5
6
13
4
3
RFA
50Ω
VCCIF
3.3V TO 5V
C1A
C8A
RFB
50Ω
C1B
2
IFGNDA
GND
IFA+
IFA–
IFBA
LO
GND
GND
ISEL
ENB
ENA
VCCA
IFGNDB
GND
IFB+
IFB–
IFBB
VCCB
RFA
CTA
GND
GND
CTB
RFB
5592 TC01
4:1
T1B
IFB
50Ω
C5B
C3B
C7B
L1B
L2B
ISEL
(0V/3.3V)
VCC
3.3V
ENA
(0V/3.3V)
ENB
(0V/3.3V)
C8B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com