Electronic Components Datasheet Search
  English  ▼

X  

LTC5591 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 11Page - Linear Technology LTC5591 Datasheet HTML 12Page - Linear Technology LTC5591 Datasheet HTML 13Page - Linear Technology LTC5591 Datasheet HTML 14Page - Linear Technology LTC5591 Datasheet HTML 15Page - Linear Technology LTC5591 Datasheet HTML 16Page - Linear Technology LTC5591 Datasheet HTML 17Page - Linear Technology LTC5591 Datasheet HTML 18Page - Linear Technology LTC5591 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC5592
15
5592f
IF Outputs
The IF amplifiers in channels A and B are identical. The IF
amplifier for channel A, shown in Figure 7, has differen-
tial open collector outputs (IFA+ and IFA–), a DC ground
return pin (IFGNDA), and a pin for adjusting the internal
bias (IFBA). The IF outputs must be biased at the sup-
ply voltage (VCCIFA), which is applied through matching
inductors L1A and L2A. Alternatively, the IF outputs can
be biased through the center tap of a transformer (T1A).
The common node of L1A and L2A can be connected to
the center tap of the transformer. Each IF output pin draws
approximately 50.5mA of DC supply current (101mA total).
An external load resistor, R2A, can be used to improve
impedance matching if desired.
IFGNDA (Pin 23) must be grounded or the amplifier will
not draw DC current. Inductor L3A may improve LO-IF
and RF-IF leakage performance in some applications, but
is otherwise not necessary. Inductors should have small
resistance for DC. High DC resistance in L3A will reduce
the IF amplifier supply current, which will degrade RF
performance.
APPLICATIONS INFORMATION
For optimum single-ended performance, the differential
IF output must be combined through an external IF
transformer or a discrete IF balun circuit. The evaluation
board (see Figures 1 and 2) uses a 4:1 IF transformer for
impedance transformation and differential to single-ended
conversion. It is also possible to eliminate the IF transformer
and drive differential filters or amplifiers directly.
The IF output impedance can be modeled as 379Ω in
parallel with 2.2pF. The equivalent small-signal model,
including bondwire inductance, is shown in Figure 8.
Frequency-dependent differential IF output impedance is
listed in Table 3. This data is referenced to the package
pins (with no external components) and includes the ef-
fects of IC and package parasitics.
Figure 7. IF Amplifier Schematic with Bandpass Match
Figure 8. IF Output Small-Signal Model
Bandpass IF Matching
The bandpass IF matching configuration, shown in Figures
1 and 7, is best suited for IF frequencies in the 90MHz to
500MHz range. Resistor R2A may be used to reduce the IF
output resistance for greater bandwidth and inductors L1A
and L2A resonate with the internal IF output capacitance
at the desired IF frequency. The value of L1A, L2A can be
estimated as follows:
L1A = L2A =
1
2 fIF
()2 •2•CIF
where CIF is the internal IF capacitance (listed in Table 3).
22
21
IFA+
IF A–
0.9nH
0.9nH
RIF
CIF
LTC5592
5592 F08
4:1
T1A
IFA
C7A
L2A
L1A
C5A
R2A
L3A (OR SHORT)
VCCIFA
20
21
22
23
IF
AMP
BIAS
101mA
4mA
IFBA
VCCA
LTC5592
IGNDA
IFA–
IFA+
R1A
(OPTION TO
REDUCE
DC POWER)
5592 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com