Electronic Components Datasheet Search
  English  ▼

X  

LTC5591 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 12Page - Linear Technology LTC5591 Datasheet HTML 13Page - Linear Technology LTC5591 Datasheet HTML 14Page - Linear Technology LTC5591 Datasheet HTML 15Page - Linear Technology LTC5591 Datasheet HTML 16Page - Linear Technology LTC5591 Datasheet HTML 17Page - Linear Technology LTC5591 Datasheet HTML 18Page - Linear Technology LTC5591 Datasheet HTML 19Page - Linear Technology LTC5591 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC5592
16
5592f
Values of L1A and L2A are tabulated in Figure 1 for vari-
ous IF frequencies. The measured IF output return loss
for bandpass IF matching is plotted in Figure 9.
Table 3. IF Output Impedance vs Frequency
FREQUENCY (MHz)
DIFFERENTIAL OUTPUT
IMPEDANCE (RIF || XIF (CIF))
90
403 || – j610 (2.9pF)
140
384 || – j474 (2.4pF)
190
379 || – j381 (2.2pF)
240
380 || – j316 (2.1pF)
300
377 || – j253 (2.1pF)
380
376 || – j210 (2.0pF)
450
360 || – j177 (2.0pF)
APPLICATIONS INFORMATION
Figure 9. IF Output Return Loss with Bandpass Matching
board (see Figure 2) has been laid out to accommodate
this matching topology with only minor modifications.
IF Amplifier Bias
The IF amplifier delivers excellent performance with VCCIF
= 3.3V, which allows a single supply to be used for VCC and
VCCIF. At VCCIF = 3.3V, the RF input P1dB of the mixer is
limited by the output voltage swing. For higher P1dB, in
this case, resistor R2A (Figure 7) can be used to reduce
the output impedance and thus the voltage swing, thus
improving P1dB. The trade-off for improved P1dB will be
lower conversion gain.
With VCCIF increased to 5V the P1dB increases by over 3dB,
at the expense of higher power consumption. Mixer P1dB
performanceat1950MHzand2350MHzistabulatedinTable
4 for VCCIF values of 3.3V and 5V. For the highest conversion
gain, high-Q wire-wound chip inductors are recommended
for L1A and L2A. Low cost multilayer chip inductors may
be substituted, with a slight reduction in conversion gain.
Figure 10. IF Output with Lowpass Matching
Figure 11. IF Output Return Loss with Lowpass Matching
Lowpass IF Matching
For IF frequencies below 90MHz, the inductance values
become unreasonably high and the lowpass topology
shown in Figure 10 is preferred. This topology also can
provide improved RF to IF and LO to IF isolation. VCCIFA
is supplied through the center tap of the 4:1 transformer.
A lowpass impedance transformation is realized by shunt
elements R2A and C9A (in parallel with the internal RIF
and CIF), and series inductors L1A and L2A. Resistor
R2A is used to reduce the IF output resistance for greater
bandwidth, or it can be omitted for the highest conver-
sion gain. The final impedance transformation to 50Ω is
realized by transformer T1A. The measured return loss
is shown in Figure 11 for different values of inductance
(C9A = open). The case with 82nH inductors and a 1k
load resistor (R2A) is also shown. The LTC5592 demo
4:1
T1A
IFA
50Ω
VCCIFA
3.1 TO 5.3V
C5A
21
22
IFA–
IFA+
C6
C9A
R2A
L1A
L2A
LTC5592
5592 F10
FREQUENCY (MHz)
50
–25
–20
–15
–10
0
–5
100
300
5592 F09
150 200 250
350 400 450 500
270nH
150nH
100nH
56nH
33nH
22nH
–20
–25
–15
–10
0
–5
FREQUENCY (MHz)
50
0
100
150
5592 F11
200
250
68nH
100nH
180nH
82nH + 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com