Electronic Components Datasheet Search
  English  ▼

X  

MICRF505L Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 23Page - Micrel Semiconductor MICRF505L Datasheet HTML 24Page - Micrel Semiconductor MICRF505L Datasheet HTML 25Page - Micrel Semiconductor MICRF505L Datasheet HTML 26Page - Micrel Semiconductor MICRF505L Datasheet HTML 27Page - Micrel Semiconductor MICRF505L Datasheet HTML 28Page - Micrel Semiconductor MICRF505L Datasheet HTML 29Page - Micrel Semiconductor MICRF505L Datasheet HTML 30Page - Micrel Semiconductor MICRF505L Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
27
M9999-092904
+1 408-944-0800
Modulator
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000100
Mod_F2
Mod_F1
Mod_F0
Mod_I4
Mod_I3
Mod_I2
Mod_I1
Mod_I0
0000101
-
-
‘0’
‘1’
Mod_A3
Mod_A2
Mod_A1
Mod_A0
0000110
-
Mod_clkS2
Mod_clkS1
Mod_clkS0
BitSync_clkS2
BitSync_clkS1
BitSync_clkS0
BitRate_clkS2
0000111
BitRate_clkS1
BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
The modulator will create a waveform with
programmable amplitude and frequency. This
waveform is fed into a modulation varactor in the
VCO, which will create the desired frequency
modulation. The frequency spectrum can be
narrowed by increasing the rise-and fall times of the
waveform.
The modulator waveform is created by charging and
discharging a capacitor. A modulator clock controls
the timing, as shown in Figure19. For every rise-and
fall edge, 4 clock periods are being used. The
charging current during these 4 clock periods are not
equal, this is to reduce the high frequency
components in the waveform, which in turn will
narrow the frequency spectrum.
The frequency deviation can be set in three different
ways, as will be explained below. A formula for
setting the desired deviation is given at the end of
this chapter.
Modulator Clock
Modulator Waveform
Figure 19. Modulator Waveform and Clock
Modulator Clock
The modulator clock frequency is set by:
)
(7
XCO
MOD_CLK
2
Refclk_K
f
f
Mod_clkS
−
×
=
where fMOD_CLK is the modulator clock shown in
Figure 19, fXCO is the crystal oscillator frequency
Refclk_K is a 6 bit number and Mod_clkS is a 3 bit
number. Mod_clkS can be set to a value between 0
and 7. The modulator clock frequency should be set
according to the bit rate and shaping.
Mod_clka
Mod_clkb
Mod_clkb > Mod_clka
Figure 20. Two Different Modulator Clock Setting
A fMOD_CLK of 8 times the bit rate (as in Figure 20)
corresponds to a signal filtered in a Gaussian filter
with a Bandwidth Period product (BT) of 1. When BT
is increased, the waveform will be less filtered.
Minimum BT is 1 (fMOD_CLK is 8 times the bitrate).
Figure 20 shows two waveforms with BT=1 and
BT=2, i.e. the fMOD_CLK is 8 and 16 times higher than
the bit rate. When changing the BT factor, the
charge-and discharge times will also be changed,
and therefore the frequency deviation, as shown in
Figure 19.
Modulator Current
The current used during the rise- and fall times can
be programmed with the Mod_I4..Mod_I0 bit, the
last one being LSB. Figure 21 shows two waveforms
generated with two different currents, where
Ib
Mod
Ia
Mod
_
_
>
. Higher current will give a
higher frequency deviation and vice versa. The
effect of modulator clock and MOD_1 is illustrated
by:
MOD_CLK
DEVIATION
f
MOD_1
f
∝
To avoid saturation in the modulator it is important
not to exceed maximum Mod_I. Maximum Mod_I for
a given fMOD_clk is given by:
1
-
)
10
28
INT(f
MOD_I
-6
MOD_CLK
MAX
×
⋅
=
where INT() returns the integer part of the argument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com